Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Rev. 1.00
�4
����st 1�� �011
Rev. 1.00
�5
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Bit 1
AC: Auxiliary flag
0: no auxiliary carry
1: an operation results in a carry out of the low nibbles in addition, or no borrow
from the high nibble into the low nibble in subtraction
Bit 0
C: Carry flag
0: no carry-out
1: an operation results in a carry during an addition operation or if a borrowing does
not take place during a subtraction operation C is also affected by a rotate through
carry instruction
System Control Registers – CTRL0, CTRL1, CTRL2, CTRL3, CTRL4
These registers are used to provide control over various internal functions. Some of these include
the PFD control, PWM control, certain system clock options, the LXT oscillator low power control,
buzzer function control, LCD driver clock selection, Timer clock source selection, Time Base
functions division ratio, and the LXT oscillator enable control.
CTRL0 Register
Bit
7
6
5
4
3
2
1
0
Name
PCFG
PFDCS PWMSEL PWMC1 PWMC0
PFDC
—
CLKMOD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
R/W
POR
0
0
0
0
0
0
—
0
Bit 7
PCFG: PA2~PA1 pin-shared function Pin Remapping Control
0: TC1/TC0 pin-shared with PA1/PA2
1: TC1/TC0 pin-shared with PA2/PA1
Bit 6
PFDCS: PFD clock source
0: timer0
1: timer1
Bit 5
PWMSEL: PWM type selection
0: 6+2
1: 7+1
This bit can be clear to “0”, but can not set to “1”.
Bit 4
PWMC1: I/O or PWM1
0: I/O
1: PWM1
Bit 3
PWMC0: I/O or PWM0
0: I/O
1: PWM0
Bit 2
PFDC: I/O or PFD
0: I/O
1: PFD
Bit 1
Unimplemented, read as “0”
Bit 0
CLKMOD: System clock mode selection
0: high speed – HIRC used as system clock
1: low speed – LXT used as system clock, HIRC oscillator stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com