Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 60Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 61Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 62Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 63Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 64Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 65Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Rev. 1.00
64
����st 1�� �011
Rev. 1.00
65
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Buzzer
Operating in a similar way to the Programmable Frequency Divider, the Buzzer function provides
a means of producing a variable frequency output, suitable for applications such as Piezo-buzzer
driving or other external circuits that require a precise frequency generator. The buzzer output pin
BUZ, is pin-shared with the I/O pin, PB1. The buzzer is driven by the internal clock source, which
then passes through a divider, the division ratio of which is selected by CTRL2 register to provide
a range of buzzer frequencies from fS/22 to fS/29. The clock source that generates fS, which in turn
controls the buzzer frequency, can originate from three different sources, the LIRC oscillator, LXT
oscillator or fSYS/4. The choice of which is determined by the fS clock source configuration option.
CTRL2 register
Bit
7
6
5
4
3
2
1
0
Name
LCDSEL� LCDSEL1 LCDSEL0 BZSEL� BZSEL1 BZSEL0
BUZC
LXTEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
1
Bit 7~5
Described elsewhere
Bit 4~2
BZSEL2~BZSEL0: BZ frequency select
000: fs/22
001: fs/23
010: fs/24
011: fs/25
100: fs/26
101: fs/27
110: fs/28
111: fs/29
Bit 1
BUZC: I/O or Buzzer function select
0: I/O
1: BUZ
Bit 0
Described elsewhere
If the register has selected pin PB1 to function as a buzzer output, then for correct buzzer operation
it is essential that the pin must be setup as output by setting bit PBC.1 of the PBC port control
register to zero. The PB1 data bit in the PB data register must also be set high to enable the buzzer
outputs, if set low, the pin PB1 will remain low. In this way the single bit PB1 of the PB register can
be used as an on/off control for buzzer pin output. The data setup on pin PB1 has no effect on the
buzzer output.
In te r nal C lo ck S our ce
PB1 D at a
BZ O ut put a t PB 1
Buzzer Output Pin Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com