Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
Rev. 1.00
74
����st 1�� �011
Rev. 1.00
75
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
CTRL2 register
Bit
7
6
5
4
3
2
1
0
Name
LCDSEL� LCDSEL1 LCDSEL0 BZSEL� BZSEL1 BZSEL0
BUZC
LXTEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
1
Bit 7~5
LCDSEL2~LCDSEL0: LCD Driver clock
000: fs/22
001: fs/23
010: fs/24
011: fs/25
100: fs/26
101: fs/27
110: fs/28
111: reserved
Bit 4~0
Described elsewhere
LCDC register
Bit
7
6
5
4
3
2
1
0
Name
TYPE
—
—
—
BI�S
RSEL1
RSEL0
LCDEN
R/W
R/W
—
—
—
R/W
R/W
R/W
R/W
POR
0
—
—
—
0
0
0
0
Bit 7
TYPE: LCD Type A or Type B
0: Type A
1: Type B
Bit 6~4
Unused bit, read as “0”
Bit 3
BIAS: Define LCD Bias
0: 1/3 Bias; 1/4 Duty
1: 1/4 Bias; 1/8 Duty
Bit 2~1
RSEL1, RSEL0: Select resistor for R type LCD bias current
00: 600kΩ
01: 300kΩ
10: 100kΩ
11: 30kΩ
Bit 0
LCDEN: LCD enable/disable control
0: disable
1: enable
LCDO register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
LCDO3
LCDO�
LCDO1
LCDO0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit 7~4
Unused bit, read as “0”
Bit 3
LCDO3: LCD COM or I/O function control bit(COM0~COM3)
0: I/O
1: LCD COM
Bit 2
LCDO2: LCD SEG or I/O function control bit(SEG16~SEG22)
0: I/O or A/D function
1: LCD SEG or COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com