Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
Rev. 1.00
��
����st 1�� �011
Rev. 1.00
�3
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Accumulator – ACC
The Accumulator is central to the operation of any microcontroller and is closely related with
operations carried out by the ALU. The Accumulator is the place where all intermediate results
from the ALU are stored. Without the Accumulator it would be necessary to write the result of
each calculation or logical operation such as addition, subtraction, shift, etc., to the Data Memory
resulting in higher programming and timing overheads. Data transfer operations usually involve
the temporary storage function of the Accumulator; for example, when transferring data between
one user-defined register and another, it is necessary to do this by passing the data through the
Accumulator as no direct transfer between two registers is permitted.
Bank Pointer – BP
The Data Memory is divided into three Banks, known as Bank 0, Bank1 and Bank 2. A Bank
Pointer, which is bit 0~1 of the Bank Pointer register is used to select the required Data Memory
bank. Only data in Bank 0 can be directly addressed as data in Bank 1 and Bank2 must be
indirectly addressed using Memory Pointer MP1 and Indirect Addressing Register IAR1. Using
Memory Pointer MP0 and Indirect Addressing Register IAR0 will always access data from Bank 0,
irrespective of the value of the Bank Pointer. Memory Pointer MP1 and Indirect Addressing Register
IAR1 can indirectly address data in Bank 0, Bank 1, or Bank 2 depending upon the value of the
Bank Pointer. The Data Memory is initialised to Bank 0 after a reset, except for the WDT time-out
reset in the Idle/Sleep Mode, in which case, the Data Memory bank remains unaffected. It should be
noted that Special Function Data Memory is not affected by the bank selection, which means that
the Special Function Registers can be accessed from Bank 0, Bank1 or Bank 2. Directly addressing
the Data Memory will always result in Bank 0 being accessed irrespective of the value of the Bank
Pointer.
BP Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
DMBP1
DMBP0
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit 7~2
Unimplemented, read as “0”
Bit 1~0
DMBP1, DMBP0: Data memory bank point
00: bank 0
01: bank 1
10: bank 2
11: undefined
Program Counter Low Register – PCL
To provide additional program control functions, the low byte of the Program Counter is made
accessible to programmers by locating it within the Special Purpose area of the Data Memory. By
manipulating this register, direct jumps to other program locations are easily implemented. Loading
a value directly into this PCL register will cause a jump to the specified Program Memory location,
however as the register is only 8-bit wide only jumps within the current Program Memory page are
permitted. When such operations are used, note that a dummy cycle will be inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com