Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Rev. 1.00
18
����st 1�� �011
Rev. 1.00
19
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Table Read Program Example:
tempreg1 db ?
; temporary register #1
tempreg2 db ?
; temporary register #2
:
:
mov a,06h
; initialise table pointer – note that this address
; is referenced
mov tblp, a
; to the last page or present page
:
:
tabrdl tempreg1
; transfers value in table referenced by table pointer
; to tempreg1 data at prog.memory address “F06H”
; transferred to to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl tempreg2
; transfers value in table referenced by table pointer
; to tempreg2 data at prog.memory address “F05H”
; transferred to tempreg2 and TBLH in this example the
; data “1AH” is transferred to tempreg1 and data “0FH”
; to register tempreg2 the value “00H” will be
; transferred to the high byte register TBLH
:
:
org 0F00h
; sets initial address of last page
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com