Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
Rev. 1.00
�6
����st 1�� �011
Rev. 1.00
�7
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Oscillator
Various oscillator options offer the user a wide range of functions according to their various
application requirements. The flexible features of the oscillator functions ensure that the best
optimisation can be achieved in terms of speed and power saving.
Oscillator Overview
In addition to being the source of the main system clock the oscillators also provide clock sources
for the Watchdog Timer and Time Base functions. External oscillators requiring some external
components as well as fully integrated internal oscillators, requiring no external components,
are provided to form a wide range of both fast and slow system oscillators. All oscillator options
are selected through the configuration options. The higher frequency oscillators provide higher
performance but carry with it the disadvantage of higher power requirements, while the opposite
is of course true for the lower frequency oscillators. With the capability of dynamically switching
between fast and slow system clock, the device has the flexibility to optimize the performance/power
ratio, a feature especially important in power sensitive portable applications.
Type
Name
Freq.
Pins
External Crystal
HXT
400kHz~1�MHz
OSC1/OSC�
External RC
ERC
400kHz~1�MHz
OSC1
Internal Hi�h Speed RC
HIRC
4� 8 or 1�MHz
—
External Low Speed RC
LXT
3�768Hz
XT1/XT�
Internal Low Speed RC
LIRC
3�kHz
—
Oscillator Types
System Clock Configurations
There are five system oscillators, three high speed oscillators and two low speed oscillators. The
high speed oscillators are the external crystal/ceramic oscillator – HXT, the external – ERC,
and the internal RC oscillator – HIRC. The one low speed oscillator is the external 32768Hz
oscillator – LXT and the internal 32kHz (VDD=5V) oscillator – LIRC.
External Crystal/Resonator Oscillator – HXT
The simple connection of a crystal across OSC1 and OSC2 will create the necessary phase shift and
feedback for oscillation. However, for some crystals and most resonator types, to ensure oscillation
and accurate frequency generation, it is necessary to add two small value external capacitors, C1 and
C2. The exact values of C1 and C2 should be selected in consultation with the crystal or resonator
manufacturer’s specification.
OS C1
OS C2
Rf
To i nt er na l
ci rc ui ts
In te rn al
O sc illa to r
Ci rc ui t
C1
C2
Rp
No te :1 . Rp i s no rm a lly n o t r equ ir ed . C 1 and C2 a re r equi r ed.
2. A lt hough n o t s how n OS C1 /O SC 2 pi ns hav e a par as it ic
c apac it anc e of a ro u nd 7pF .
Crystal/Resonator Oscillator – HXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com