Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Rev. 1.00
8
����st 1�� �011
Rev. 1.00
9
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Pin Name
Function
OPT
I/T
O/T
Description
PE5/�N5/
SEG�1/COM5
PE5
PEPU
ST
CMOS General p�rpose I/O. Re�ister enabled p�ll-�p.
�N5
�NCSR0
�N
—
�/D channel 5
SEG�1
LCDO
—
CMOS LCD Se�ment Port
COM5
LCDO
—
COM
LCD COM port
PE6/�N4/
SEG��/COM4
PE6
PEPU
ST
CMOS General p�rpose I/O. Re�ister enabled p�ll-�p.
�N4
�NCSR0
�N
—
�/D channel 4
SEG��
LCDO
—
CMOS LCD Se�ment Port
COM4
LCDO
—
COM
LCD COM Port
PF0/�N9
PF0
PFPU
ST
CMOS General p�rpose I/O. Re�ister enabled p�ll-�p.
�N9
�NCSR1
�N
—
�/D channel 9
PF1/�N8
PF1
PFPU
ST
CMOS General p�rpose I/O. Re�ister enabled p�ll-�p.
�N8
�NCSR1
�N
—
�/D channel 8
PF�/�VREF
PF�
PFPU
ST
CMOS General p�rpose I/O. Re�ister enabled p�ll-�p.
�VREF
�CSR
�N
—
�DC Reference Inp�t
VDD
VDD
—
PWR
—
Power S�pply
VSS
VSS
—
PWR
—
Gro�nd
Legend: I/T: Input type; O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option
ST: Schmitt Trigger input; CMOS: CMOS output; AN: Analog input
COM: LCD COM
NMOS: NMOS output
OSC: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
Absolute Maximum Ratings
Supply Voltage ................................................................................................VSS−0.3V to VSS+6.0V
Input Voltage ..................................................................................................VSS−0.3V to VDD+0.3V
Storage Temperature...................................................................................................-50°C to 125°C
Operating Temperature.................................................................................................-40°C to 85°C
IOH Total ..................................................................................................................................-100mA
IOL Total ................................................................................................................................... 100mA
Total Power Dissipation ........................................................................................................ 500mW
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maximum
Ratings" may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com