Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
Rev. 1.00
18
����st 1�� �011
Rev. 1.00
19
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Data Memory
The Data Memory is an 8-bit wide RAM internal memory and is the location where temporary
information is stored.
Divided into three sections, the first of these is an area of RAM where special function registers are
located. These registers have fixed locations and are necessary for correct operation of the device.
Many of these registers can be read from and written to directly under program control, however,
some remain protected from user manipulation. The second area of Data Memory is reserved for
general purpose use. All locations within this area are read and write accessible under program
control. The third area is reserved for the LCD Memory. This special area of Data Memory is
mapped directly to the LCD display so data written into this memory area will directly affect the
displayed data. The addresses of the LCD Memory area overlap those in the General Purpose Data
Memory area. Switching between the different Data Memory banks is achieved by setting the Bank
Pointer to the correct value.
Structure
The Data Memory is subdivided into three banks, all of which are implemented in 8-bit wide
RAM. The Data Memory located in Bank 0 is subdivided into two sections, the Special Purpose
Data Memory and the General Purpose Data Memory. The start address of the Data Memory is the
address “00H”. The LCD Memory is mapped into Bank 1. Bank 2 contains only General Purpose
Data Memory. As the Special Purpose Data Memory registers are mapped into all bank areas, they
can subsequently be accessed from any bank location.
00H
FFH
3FH
40H
Special Purpose
Data Memory
General Purpose
Data Memory
Bank 1
LDC Memory
Bank 0
Bank 2
Data Memory Structure
General Purpose Data Memory
All microcontroller programs require an area of read/write memory where temporary data can be
stored and retrieved for use later. It is this area of RAM memory that is known as General Purpose
Data Memory. This area of Data Memory is fully accessible by the user program for both read and
write operations. By using the “SET [m].i” and “CLR [m].i” instructions individual bits can be set
or reset under program control giving the user a large range of flexibility for bit manipulation in the
Data Memory. For this device, the General Purpose Data Memory, in addition to being located in
Bank 0, is also stored in Bank 2.
Bank0
Bank1 (LCD RAM)
Bank2
40H~FFH
40H~56H
40H~5FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com