Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
Rev. 1.00
40
����st 1�� �011
Rev. 1.00
41
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on their I/O ports. Most pins can have either an
input or output designation under user program control. Additionally, as there are pull-high resistors
and wake-up software configurations, the user is provided with an I/O structure to meet the needs
of a wide range of application possibilities. For input operation, these ports are non-latching, which
means the inputs must be ready at the T2 rising edge of instruction “MOV A, [m]”, where m denotes
the port address. For output operation, all the data is latched and remains unchanged until the output
latch is rewritten.
Pull-high Resistors
Many product applications require pull-high resistors for their switch inputs usually requiring the
use of an external resistor. To eliminate the need for these external resistors, all I/O pins, when
configured as an input have the capability of being connected to an internal pull-high resistor. These
pull-high resistors are selected using registers PAPU, PBPU, etc. and are implemented using weak
PMOS transistors.
Port A Wake-up
The HALT instruction forces the microcontroller into the SLEEP or IDLE Mode which preserves
power, a feature that is important for battery and other low-power applications. Various methods
exist to wake-up the microcontroller, one of which is to change the logic condition on one of the
Port A pins from high to low. After a HALT instruction forces the microcontroller into entering the
Idle/Sleep Mode, the processor will remain idle or in a low-power state until the logic condition of
the selected wake-up pin on Port A changes from high to low. This function is especially suitable for
applications that can be woken up via external switches. Note that pins PA0 to PA7 can be selected
individually to have this wake-up feature using an internal register known as PAWK, located in the
Data Memory.
Register
Name
Bit
7
6
5
4
3
2
1
0
P�WK
P�WK7
P�WK6
P�WK5
P�WK4
P�WK3
P�WK�
P�WK1
P�WK0
P�PU
—
P�PU6
P�PU5
P�PU4
P�PU3
P�PU�
P�PU1
P�PU0
P�C
P�C7
P�C6
P�C5
P�C4
P�C3
P�C�
P�C1
P�C0
PBPU
PBPU7
PBPU6
PBPU5
PBPU4
PBPU3
PBPU�
PBPU1
PBPU0
PBC
PBC7
PBC6
PBC5
PBC4
PBC3
PBC�
PBC1
PBC0
PCPU
PCPU7
PCPU6
PCPU5
PCPU4
PCPU3
PCPU�
PCPU1
PCPU0
PCC
PCC7
PCC6
PCC5
PCC4
PCC3
PCC�
PCC1
PCC0
PDPU
PDPU7
PDPU6
PDPU5
PDPU4
PDPU3
PDPU�
PDPU1
PDPU0
PDC
PDC7
PDC6
PDC5
PDC4
PDC3
PDC�
PDC1
PDC0
PEPU
—
PEPU6
PEPU5
PEPU4
PEPU3
PEPU�
PEPU1
PEPU0
PEC
—
PEC6
PEC5
PEC4
PEC3
PEC�
PEC1
PEC0
PFPU
—
—
—
—
—
PFPU�
PFPU1
PFPU0
PFC
—
—
—
—
—
PFC�
PFC1
PFC0
“—”
Unimplemented, read as “0”
PAWKn: PA wake-up function control
0: disable
1: enable
PACn/PBCn/PCCn/PDCn/PECn/PFCn: I/O type selection
0: output
1: input
PAPUn/PBPUn/PCPUn/PDPUn/PEPUn/PFPUn: Pull-high function control
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com