Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Rev. 1.00
3�
����st 1�� �011
Rev. 1.00
33
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
Counter and Stack Pointer, the other flags remain in their original status.
Pins PA0 to PA7 can be setup via the PAWK register to permit a negative transition on the pin to
wake-up the system. When a PA0 to PA7 pin wake-up occurs, the program will resume execution at
the instruction following the “HALT” instruction.
If the system is woken up by an interrupt, then two possible situations may occur. The first is where
the related interrupt is disabled or the interrupt is enabled but the stack is full, in which case the
program will resume execution at the instruction following the “HALT” instruction. In this situation,
the interrupt which wake-up the device will not be immediately serviced, but will rather be serviced
later when the related interrupt is finally enabled or when a stack level becomes free. The other
situation is where the related interrupt is enabled and the stack is not full, in which case the regular
interrupt response takes place. If an interrupt request flag is set to “1” before entering the Idle/Sleep
Mode, then any future interrupt requests will not generate a wake-up function of the related interrupt
will be ignored.
No matter what the source of the wake-up event is, once a wake-up event occurs, there will be a
time delay before normal program execution resumes. Consult the table for the related time.
Wake-up Source
Oscillator Type
ERC, IRC
Crystal
CLKMOD=1
LXTEN=0
CLKMOD=1
LXTEN=1
Power On Reset/LVR
tRSDT+tSST1
tRSDT+tSST�
—
—
P� port
tSST1
tSST�
tSST�
tSST1
Interr�pt
WDT Overflow
Wake-up Delay Time
Note: 1. tRSTD (reset delay time), tSYS (system clock)
2. tRSTD is power-on delay, typical time=50ms
3. tSST1=2tSYS
4. tSST2=128tSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com