Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Rev. 1.00
5�
����st 1�� �011
Rev. 1.00
53
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
result in a counting error, this should be taken into account by the programmer. Care must be taken
to ensure that the timers are properly initialised before using them for the first time. The associated
timer enable bits in the interrupt control register must be properly set otherwise the internal interrupt
associated with the timer will remain inactive. The edge select, timer mode and clock source control
bits in timer control register must also be correctly set to ensure the timer is properly configured
for the required application. It is also important to ensure that an initial value is first loaded into
the timer registers before the timer is switched on; this is because after power-on the initial values
of the timer registers are unknown. After the timer has been initialized the timer can be turned on
and off by controlling the enable bit in the timer control register. When the Timer/Event Counter
overflows, its corresponding interrupt request flag in the interrupt control register will be set. If the
Timer/Event Counter interrupt is enabled this will in turn generate an interrupt signal. However
irrespective of whether the interrupts are enabled or not, a Timer/Event Counter overflow will also
generate a wake-up signal if the device is in a Power-down condition. This situation may occur if the
Timer/Event Counter is in the Event Counting Mode and if the external signal continues to change
state. In such a case, the Timer/Event Counter will continue to count these external events and if
an overflow occurs the device will be woken up from its Power-down condition. To prevent such a
wake-up from occurring, the timer interrupt request flag should first be set high before issuing the
“HALT” instruction to enter the Idle/Sleep Mode.
Timer Program Example
The program shows how the Timer/Event Counter registers are setup along with how the interrupts
are enabled and managed. Note how the Timer/Event Counter is turned on, by setting bit 4 of the
Timer Control Register. The Timer/Event Counter can be turned off in a similar way by clearing the
same bit. This example program sets the Timer/Event Counters to be in the timer mode, which uses
the internal system clock as their clock source.
PFD Programming Example
org 04h
; external interrupt vector
org 08h
; Timer Counter 0 interrupt vector
jmp tmr0int
; jump here when Timer 0 overflows
:
:
org 20h
; main program
:
:
;internal Timer 0 interrupt routine
tmr0int:
:
;Timer 0 main program placed here
:
:
begin:
;setup Timer 0 registers
mov a,09bh
; setup Timer 0 preload value
mov tmr0,a
mov a,081h
; setup Timer 0 control register
mov tmr0c,a
; timer mode and prescaler set to /2
;setup interrupt register
mov a,00dh
; enable master interrupt and both timer interrupts
mov intc0,a
:
:
set tmr0c.4
; start Timer 0
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com