Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R0664 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
Rev. 1.00
4
����st 1�� �011
Rev. 1.00
5
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Features
CPU Features
● Operating voltage:
fSYS=4MHz: 2.2V−5.5V
fSYS=8MHz: 3.0V−5.5V
fSYS=12MHz: 4.5V−5.5V
● Up to 0.5μs instruction cycle with 8MHz system clock at VDD=5V
● Power down and wake-up functions to reduce power consumption
● Oscillator types:
External Crystal -- HXT
External RC -- ERC
External 32768Hz Crystal -- LXT
Internal RC -- HIRC
Internal 32kHz RC -- LIRC
● Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
● Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
● All instructions executed in one or two instruction cycles
● Table read instructions
● 63 powerful instructions
● Up to 6-level stack
● Bit manipulation instruction
Peripheral Features
● Up to 42 bidirectional I/O lines
● Up to 12 channel 12-bit ADC
● Up to 2 channel 8-bit PWM
● Data Memory: 224×8
● Program Memory: 4k×16
● Watchdog Timer function
● 4 pin-shared external interrupts
● Up to two 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler
● Low voltage reset function
● Low voltage detect function
● Time Base functions
● Buzzer function
● Package: 44QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com