Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Rev. 1.00
48
����st 1�� �011
Rev. 1.00
49
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
In cr em en t
Ti me r C ont ro ll er
Pr e sca le r Ou t put
Ti me r + 1
Ti me r + 2
Ti me r + NT im er + N + 1
Timer Mode Timing Chart
Event Counter Mode
In this mode, a number of externally changing logic events, occurring on the external timer TCn pin,
can be recorded by the Timer/Event Counter. To operate in this mode, the Operating Mode Select bit
pair, TnM1/TnM0, in the Timer Control Register must be set to the correct value as shown.
Control Register Operating Mode Select Bits for the Timer Mode.
Bit7
Bit6
0
1
In this mode, the external timer TCn, is used as the Timer/Event Counter clock source, however it
is not divided by the internal prescaler. After the other bits in the Timer Control Register have been
setup, the enable bit TnON, which is bit 4 of the Timer Control Register, can be set high to enable
the Timer/Event Counter to run. If the Active Edge Select bit, TnEG, which is bit 3 of the Timer
Control Register, is low, the Timer/Event Counter will increment each time the external timer pin
receives a low to high transition. If the TnEG is high, the counter will increment each time the
external timer pin receives a high to low transition. When it is full and overflows, an interrupt signal
is generated and the Timer/Event Counter will reload the value already loaded into the preload
register and continue counting. The interrupt can be disabled by ensuring that the Timer/Event
Counter Interrupt Enable bit in the corresponding Interrupt Control Register. It is reset to zero. As
the external timer pin is shared with an I/O pin, to ensure that the pin is configured to operate as an
event counter input pin, two things have to happen. The first is to ensure that the Operating Mode
Select bits in the Timer Control Register place the Timer/Event Counter in the Event Counting
Mode. The second is to ensure that the port control register configures the pin as an input. It should
be noted that in the event counting mode, even if the microcontroller is in the Idle/Sleep Mode, the
Timer/Event Counter will continue to record externally changing logic events on the timer input
TCn pin. As a result when the timer overflows it will generate a timer interrupt and corresponding
wake-up source.
Ti me r+ 2
Ex te rn al E ve nt
In cr em en t
Ti me r C oun te r
Ti me r+ 3
Ti me r+ 1
Event Counter Mode Timing Chart (TnEG=1)
Pulse Width Capture Mode
In this mode, the Timer/Event Counter can be utilised to measure the width of external pulses
applied to the external timer pin. To operate in this mode, the Operating Mode Select bit pair,
TnM1/TnM0, in the Timer Control Register must be set to the correct value as shown.
Control Register Operating Mode Select Bits for the Pulse Width Capture Mode.
Bit7
Bit6
1
1
In this mode the internal clock, fSYS, fSYS/4, PFD0 or the LXT is used as the internal clock for the
8-bit Timer/Event Counter. However, the clock source, fSYS, for the 8-bit timer is further divided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com