Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
Rev. 1.00
�4
����st 1�� �011
Rev. 1.00
�5
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
CTRL1 Register
Bit
7
6
5
4
3
2
1
0
Name
T0S1
T0S0
TB01
TB00
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
0
0
0
0
—
—
—
—
Bit 7~6
T0S1, T0S0: Prescaler/TMR0 clock source
00: fTP=fSYS
Prescaler clock source is fSYS
TMR0 clock source is come from the output clock of Prescaler
01: fTP=LXT
Prescaler clock source is LXT
TMR0 clock source is come from the output clock of Prescaler
10: fTP=PFD0
Prescaler clock source is PFD0
TMR0 clock source is come from fSYS
11: undefined
Note: If PWM0C or PWM1C is enabled, the clock source of Prescaler is only selected
from fSYS or PFD0 by assigning T0S1.
Bit 5~4
TB01, TB00: Time base 0 period selection
00: fS/212
01: fS/213
10: fS/214
11: fS/215
Bit 3~0
Unimplemented, read as “0”
CTRL2 Register
Bit
7
6
5
4
3
2
1
0
Name
LCDSEL� LCDSEL1 LCDSEL0 BZSEL� BZSEL1 BZSEL0
BUZC
LXTEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
1
Bit 7~5
LCDSEL2~LCDSEL0: LCD driver clock selection
000: fS/22
001: fS/23
010: fS/24
011: fS/25
100: fS/26
101: fS/27
110: fS/28
111: reserved
Bit 4~2
BZSEL2~BZSEL0: BZ frequency selection
000: fS/22
001: fS/23
010: fS/24
011: fS/25
100: fS/26
101: fS/27
110: fS/28
111: fS/29
Bit 1
BUZC: I/O, BUZ selection
0: I/O
1: BUZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com