Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
Rev. 1.00
7�
����st 1�� �011
Rev. 1.00
73
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
capability of waking up the microcontroller when it is in SLEEP or IDLE Mode, the wake up being
generated when the interrupt request flag changes from low to high. If it is required to prevent a
certain interrupt from waking up the microcontroller then its respective request flag should be first
set high before entering the SLEEP or IDLE Mode.
As only the Program Counter is pushed onto the stack, then when the interrupt is serviced, if the
contents of the accumulator, status register or other registers are altered by the interrupt service
program, their contents should be saved in advance.
To return from an interrupt subroutine, either a RET or RETI instruction may be executed. The RETI
instruction in addition to executing a return to the main program also automatically sets the EMI
bit high to allow further interrupts. The RET instruction however only executes a return to the main
program leaving the EMI bit in its present zero state and therefore disabling the execution of further
interrupts.
LCD Function
For large volume applications, which incorporate an LCD in their design, the use of a custom
display rather than a more expensive character based display reduces costs significantly. However,
the corresponding COM and SEG signals required, which vary in both amplitude and time, to drive
such a custom display require many special considerations for proper LCD operation to occur. This
device contains an LCD Driver function, which with their internal LCD signal generating circuitry
and various options, will automatically generate these time and amplitude varying signals to provide
a means of direct driving and easy interfacing to a range of custom LCDs.
Duty
Driver No.
Bias
Bias Type
Wave Type
1/4
�3×4
1/3 or 1/4
R
� or B
1/8
19×8
LCD Selections
R ty pe 1 /3 B ia s
R
R
VD D
V A
V B
LC D
Po we r Su pp ly
V C
R
(= VD D ´ 2/ 3)
(= VD D ´ 1/ 3)
(= V DD)
LC D On /O ff
R ty pe 1 /4 B ia s
R
R
VD D
V A
V B
LC D
Po we r Su pp ly
V D
(= VD D ´ 3/ 4)
(= VD D ´ 1/ 4)
(= V DD)
LC D On /O ff
R
V C
(= VD D ´ 2/ 4)
R
R Type Bias Voltage Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com