Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 86Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
Rev. 1.00
8�
����st 1�� �011
Rev. 1.00
83
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Complement Data Memory
Each bit of the specified Data Memory is lo�ically complemented (1's
complement). Bits which previo�sly contained a 1 are chan�ed to 0 and vice
versa.
[m] ← [m]
Z
Complement Data Memory with res�lt in �CC
Each bit of the specified Data Memory is lo�ically complemented (1's
complement). Bits which previo�sly contained a 1 are chan�ed to 0 and vice
versa. The complemented res�lt is stored in the �cc�m�lator and the contents of
the Data Memory remain �nchan�ed.
�CC ← [m]
Z
Decimal-�dj�st �CC for addition with res�lt in Data Memory
Convert the contents of the �cc�m�lator val�e to a BCD ( Binary Coded Decimal)
val�e res�ltin� from the previo�s addition of two BCD variables. If the low nibble
is greater than 9 or if AC flag is set, then a value of 6 will be added to the low
nibble. Otherwise the low nibble remains �nchan�ed. If the hi�h nibble is �reater
than 9 or if the C flag is set, then a value of 6 will be added to the high nibble.
Essentially� the decimal conversion is performed by addin� 00H� 06H� 60H or
66H depending on the Accumulator and flag conditions. Only the C flag may be
affected by this instr�ction which indicates that if the ori�inal BCD s�m is �reater
than 100� it allows m�ltiple precision decimal addition.
[m] ← �CC + 00H or
[m] ← �CC + 06H or
[m] ← �CC + 60H or
[m] ← �CC + 66H
C
Decrement Data Memory
Data in the specified Data Memory is decremented by 1.
[m] ← [m] ― 1
Z
Decrement Data Memory with res�lt in �CC
Data in the specified Data Memory is decremented by 1. The result is stored in
the �cc�m�lator. The contents of the Data Memory remain �nchan�ed.
�CC ← [m] ― 1
Z
CPL [m]
Description
Operation
Affected flag(s)
CPLA [m]
Description
Operation
Affected flag(s)
DAA [m]
Description
Operation
Affected flag(s)
DEC [m]
Description
Operation
Affected flag(s)
DECA [m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com