Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Rev. 1.00
30
����st 1�� �011
Rev. 1.00
31
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Mode Switching
The device is switched between one mode and another using a combination of the CLKMOD bit in
the CTRL0 register and the HALT instruction. The CLKMOD bit chooses whether the system runs
in either the Normal or Slow Mode by selecting the system clock to be sourced from either a high
or low frequency oscillator. The HALT instruction forces the system into either the Idle or Sleep
Mode, depending upon whether the LXT oscillator is running or not. The HALT instruction operates
independently of the CLKMOD bit condition. When a HALT instruction is executed and the LXT
oscillator is not running, the system enters the Sleep mode, in which case, the following conditions
exist:
● The system oscillator will stop running and the application program will stop at the “HALT”
instruction.
● The Data Memory contents and registers will maintain their present condition.
● The WDT will be cleared and resume counting.
● The I/O ports will maintain their present condition.
● In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
Standby Current Considerations
As the main reason for entering the Idle/Sleep Mode is to keep the current consumption of the
MCU to as low a value as possible, perhaps only in the order of several micro-amps, there are
other considerations which must also be taken into account by the circuit designer if the power
consumption is to be minimised. Special attention must be made to the I/O pins on the device. All
high-impedance input pins must be connected to either a fixed high or low level as any floating input
pins could create internal oscillations and result in increased current consumption. Care must also
be taken with the loads, which are connected to I/O pins, which are setup as outputs. These should
be placed in a condition in which minimum current is drawn or connected only to external circuits
that do not draw current, such as other CMOS inputs. If the configuration options have enabled the
Watchdog Timer internal oscillator LIRC then this will continue to run when in the Idle/Sleep Mode
and will thus consume some power. For power sensitive applications it may be therefore preferable
to use the system clock source for the Watchdog Timer. The LXT, if configured for use, will also
consume a limited amount of power, as it continues to run when the device enters the Idle/Sleep
Mode. To keep the LXT power consumption to a minimum level the LXTLP bit in the CTRL4
register, which controls the low power function, should be set high.
Wake-up
After the system enters the Idle/Sleep Mode, it can be woken up from one of various sources listed
as follows:
● Power-on Reset
● An external falling edge on PA0 to PA7
● A system interrupt
● A WDT overflow
If the system is woken up by Power-on reset, the device will experience a full system reset, however,
if the device is woken up by a WDT overflow, a Watchdog Timer reset will be initiated. Although
both of these wake-up methods will initiate a reset operation, the actual source of the wake-up can
be determined by examining the TO and PDF flags. The PDF flag is cleared by a system power-up or
executing the clear Watchdog Timer instructions and is set when executing the “HALT” instruction.
The TO flag is set if a WDT time-out occurs, and causes a wake-up that only resets the Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com