Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Rev. 1.00
34
����st 1�� �011
Rev. 1.00
35
����st 1�� �011
HT46R0664
Enhanced A/D+LCD Type 8-Bit OTP MCU
CTRL3 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
LVRF
LRF
WRF
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
x
0
0
Bit 7~3
“—”: Unimplemented, read as 0
Bit 2
LVRF: LVR function reset flag
Describe elsewhere.
Bit 1
LRF: LVR Control register software reset flag
Describe elsewhere.
Bit 0
WRF: WDT Control register software reset flag
0: Not occur
1: Occurred
This bit is set to 1 by the WDT Control register software reset and cleared by the
application program. Note that this bit can only be cleared to 0 by the application
program.
Watchdog Timer Operation
The Watchdog Timer operates by providing a device reset when its timer overflows. This means
that in the application program and during normal operation the user has to strategically clear the
Watchdog Timer before it overflows to prevent the Watchdog Timer from executing a reset. This is
done using the clear watchdog instructions. If the program malfunctions for whatever reason, jumps
to an unknown location, or enters an endless loop, these clear instructions will not be executed in
the correct manner, in which case the Watchdog Timer will overflow and reset the device. Some
of the Watchdog Timer options, such as always on select and clear instruction type are selected
using configuration options. With regard to the Watchdog Timer enable/disable function, there
are also five bits, WE4~WE0, in the WDTC register to offer additional enable/disable and reset
control of the Watchdog Timer. If the WDT configuration option is determined that the WDT
function is always enabled, the WE4~WE0 bits still have effects on the WDT function. When the
WE4~WE0 bits value is equal to 01010B or 10101B, the WDT function is enabled. However, if the
WE4~WE0 bits are changed to any other values except 01010B and 10101B, which is caused by
the environmental noise, it will reset the microcontroller after 2~3 LIRC clock cycles. If the WDT
configuration option is determined that the WDT function is controlled by the WDT control register,
the WE4~WE0 values can determine which mode the WDT operates in. The WDT function will be
disabled when the WE4~WE0 bits are set to a value of 10101B. The WDT function will be enabled
if the WE4~WE0 bits value is equal to 01010B. If the WE4~WE0 bits are set to any other values by
the environmental noise, except 01010B and 10101B, it will reset the device after 2~3 LIRC clock
cycles. After power on these bits will have the value of 01010B.
Watchdog Timer Enable/Disable Control
WDT Configuration Option
WE4 ~ WE0 Bits
WDT Function
�lways Enable
01010B or 10101B
Enable
�ny other val�e
Reset MCU
Controlled by WDT Control
Re�ister
10101B
Disable
01010B
Enable
�ny other val�e
Reset MCU
Under normal program operation, a Watchdog Timer time-out will initialise a device reset and set
the status bit TO. However, if the system is in the SLEEP or IDLE Mode, when a Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com