Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Rev. 1.00
38
����st 1�� �011
Rev. 1.00
39
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Reset Initial Conditions
The different types of reset described affect the reset flags in different ways. These flags, known
as PDF and TO are located in the status register and are controlled by various microcontroller
operations, such as the SLEEP or IDLE Mode function or Watchdog Timer. The reset flags are
shown in the table:
TO PDF
RESET Conditions
0
0
Power-on reset
�
�
LVR reset d�rin� NORM�L or SLOW Mode operation
1
�
WDT time-o�t reset d�rin� NORM�L or SLOW Mode operation
1
1
WDT time-o�t reset d�rin� IDLE or SLEEP Mode operation
“�” �nchan�ed
The following table indicates the way in which the various components of the microcontroller are
affected after a power-on reset occurs.
Item
Condition After RESET
Pro�ram Co�nter
Reset to zero
Interr�pts
�ll interr�pts will be disabled
Prescaler� Divider
Cleared
WDT� Time Base
Clear after reset� WDT be�ins co�ntin�
Timer/Event Co�nter
Timer Co�nter will be t�rned off
Inp�t/O�tp�t Ports
I/O ports will be set�p as inp�ts� and �N0~�N11 as �/D inp�t pins
Stack Pointer
Stack Pointer will point to the top of the stack
The different kinds of resets all affect the internal registers of the microcontroller in different ways.
To ensure reliable continuation of normal program execution after a reset occurs, it is important to
know what condition the microcontroller is in after a particular reset occurs. The following table
describes how each type of reset affects the microcontroller internal registers.
Register
Power-on Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-Out
(Idle/Sleep)
PCL
0000 0000
0000 0000
0000 0000
0000 0000
MP0
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
MP1
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
BP
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - ��
�CC
xxxx xxxx
���� ����
���� ����
���� ����
TBLP
xxxx xxxx
���� ����
���� ����
���� ����
TBLH
xxxx xxxx
���� ����
���� ����
���� ����
WDTC
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
���� ����
ST�TUS
--00 xxxx
-- �� ����
--1 � ����
--1 1 ����
INTC0
-000 0000
-000 0000
-000 0000
- ��� ����
INTC1
-000 -000
-000 -000
-000 0000
- ��� - ���
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
TMR0C
00-0 1000
00-0 1000
00-0 1000
���� ����
TMR1
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
TMR1C
0000 1---
0000 1---
0000 1---
���� � ---
CTRL4
---0 -1 1 1
---0 -1 1 1
---0 -1 1 1
--- � - ���
P�
1111 1111
1111 1111
1111 1111
���� ����
P�C
1111 1111
1111 1111
1111 1111
���� ����
P�WK
0000 0000
0000 0000
0000 0000
���� ����
P�PU
-000 0000
-000 0000
-000 0000
- ��� ����



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com