Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
Rev. 1.00
��
����st 1�� �011
Rev. 1.00
�3
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Look-up Table Registers – TBLP, TBLH
These three special function registers are used to control operation of the look-up table which is
stored in the Program Memory. TBLP is the table pointer and indicates the location where the table
data is located. Their value must be setup before any table read commands are executed. Their value
can be changed, for example using the “INC” or “DEC” instructions, allowing for easy table data
pointing and reading. TBLH is the location where the high order byte of the table data is stored
after a table read data instruction has been executed. Note that the lower order table data byte is
transferred to a user defined location.
Status Register – STATUS
This 8-bit register contains the zero flag (Z), carry flag (C), auxiliary carry flag (AC), overflow flag
(OV), power down flag (PDF), and watchdog time-out flag (TO). These arithmetic/logical operation
and system management flags are used to record the status and operation of the microcontroller.
With the exception of the TO and PDF flags, bits in the status register can be altered by instructions
like most other registers. Any data written into the status register will not change the TO or PDF flag.
In addition, operations related to the status register may give different results due to the different
instruction operations. The TO flag can be affected only by a system power-up, a WDT time-out or
by executing the “CLR WDT” or “HALT” instruction. The PDF flag is affected only by executing
the “HALT” or “CLR WDT” instruction or during a system power-up.
The Z, OV, AC and C flags generally reflect the status of the latest operations.
In addition, on entering an interrupt sequence or executing a subroutine call, the status register will
not be pushed onto the stack automatically. If the contents of the status registers are important and
if the subroutine can corrupt the status register, precautions must be taken to correctly save it. Note
that bits 0~3 of the STATUS register are both readable and writeable bits.
STATUS Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
TO
PDF
OV
Z
�C
C
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
x
x
x
x
“x” �nknown
Bit 7~6
Unimplemented, read as “0”
Bit 5
TO: Watchdog Time-Out flag
0: after power up or executing the “CLR WDT” or “HALT” instruction
1: a watchdog time-out occurred
Bit 4
PDF: Power down flag
0: after power up or executing the “CLR WDT” instruction
1: by executing the “HALT” instruction
Bit 3
OV: Overflow flag
0: no overflow
1: an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit or vice versa
Bit 2
Z: Zero flag
0: the result of an arithmetic or logical operation is not zero
1: the result of an arithmetic or logical operation is zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com