Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
Rev. 1.00
16
����st 1�� �011
Rev. 1.00
17
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Look-up Table
Any location within the Program Memory can be defined as a look-up table where programmers can
store fixed data. To use the look-up table, the table pointer must first be setup by placing the address
of the look up data to be retrieved in the table pointer register, TBLP. These registers define the
total address of the look-up table. After setting up the table pointer, the table data can be retrieved
from the Program Memory using the “TABRD [m]” instructions, respectively. When the instruction
is executed, the lower order table byte from the Program Memory will be transferred to the user
defined Data Memory register [m] as specified in the instruction. The higher order table data byte
from the Program Memory will be transferred to the TBLH special register. Any unused bits in
this transferred higher order byte will be read as “0”. The accompanying diagram illustrates the
addressing data flow of the look-up table.
PC High Byte
Last page or
present page
PC11~PC8
Data
16 bits
Program Memory
Register TBLH
High Byte
Low Byte
User Selected
Register
TBLP Register
Instruction
Table Location Bits
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
T�BRDC [m]
PC11 PC10 PC9 PC8 @7
@6
@5
@4
@3
@�
@1
@0
T�BRDL [m]
1
1
1
1
@7
@6
@5
@4
@3
@�
@1
@0
PC11~PC8: Current Program Counter bits
@7~@0: Table Pointer TBLP bits
b11~b0: Table address location bits
Table Program Example
The accompanying example shows how the table pointer and table data is defined and retrieved from
the device. This example uses raw table data located in the last page which is stored there using the
ORG statement. The value at this ORG statement is “F00H” which refers to the start address of the
last page within the 4K Program Memory of the microcontroller.
The table pointer is setup here to have an initial value of “06H”. This will ensure that the first data
read from the data table will be at the Program Memory address “F06H” or 6 locations after the
start of the last page. Note that the value for the table pointer is referenced to the first address of
the present page if the “TABRDC [m]” instruction is being used. The high byte of the table data
which in this case is equal to zero will be transferred to the TBLH register automatically when
the “TABRDL [m]” instruction is executed. Because the TBLH register is a read-only register
and cannot be restored, care should be taken to ensure its protection if both the main routine and
Interrupt Service Routine use the table read instructions. If using the table read instructions, the
Interrupt Service Routines may change the value of TBLH and subsequently cause errors if used
again by the main routine. As a rule it is recommended that simultaneous use of the table read
instructions should be avoided. However, in situations where simultaneous use cannot be avoided,
the interrupts should be disabled prior to the execution of any main routine table-read instructions.
Note that all table related instructions require two instruction cycles to complete their operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com