Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
Rev. 1.00
�8
����st 1�� �011
Rev. 1.00
�9
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
To i nt er na l
ci rc ui ts
In te rn al
O sc illa to r
Ci rc ui t
C1
C2
Rp
No te :1 . Rp , C1 a nd C2 a re r e qui re d.
2. A lt hough n ot s ho wn p in s ha ve a
p ar as it ic c apac it an ce o f ar ound 7pF .
In te r nal R C
Os c illa to r
32768 Hz
External LXT Oscillator – LXT
LXT Oscillator C1 and C2 Values
Crystal Freq�ency
C1
C�
3�768Hz
8pF
10pF
Note: 1. C1 and C� val�es are for ��idance only.
�. RP=5MΩ~10MΩ is recommended.
A configuration option determines if the XT1/XT2 pins are used for the LXT oscillator or as I/O
pins.
● If the I/O option is selected then the XT1/XT2 pins can be used as normal I/O pins.
● If the “LXT oscillator” is selected then the 32kHz crystal should be connected to the XT1/XT2
pins.
LXT Oscillator Low Power Function
The LXT oscillator can function in one of two modes, the Quick Start Mode and the Low Power
Mode. The mode selection is executed using the LXTLP bit in the CTRL4 register.
LXTLP Bit
LXT Mode
0
Q�ick Start
1
Low-power
After power on the LXTLP bit, it will be automatically cleared to zero ensuring that the LXT
oscillator is in the Quick Start operating mode. In the Quick Start Mode the LXT oscillator will
power up and stabilise quickly. However, after the LXT oscillator has fully powered up it can be
placed into the Low-power mode by setting the LXTLP bit high. The oscillator will continue to run
but with reduced current consumption, as the higher current consumption is only required during the
LXT oscillator start-up. In power sensitive applications, such as battery applications, where power
consumption must be kept to a minimum, it is therefore recommended that the application program
sets the LXTLP bit high about 2 seconds after power-on.
It should be noted that, no matter what condition the LXTLP bit is set to, the LXT oscillator will be
always function normally, the only difference is that it will take more time to start up if it is in the
Low-power mode.
Internal Low Speed Oscillator – LIRC
The LIRC is a fully self-contained free running on-chip RC oscillator with a typical frequency
of 32kHz at 5V requiring no external components. When the device enters the Idle/Sleep Mode,
the system clock will stop running but the WDT oscillator continues to free-run and to keep the
watchdog active. If “LVR is enabled” or “WDT is enabled” or “fS clock source is LIRC”, LIRC
Oscillator is turn on. On the contrary, LIRC Oscillator is turn off if “LVR is disabled” and “WDT is
disabled” and “fS clock source is LXT or fSYS/4”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com