Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Rev. 1.00
�0
����st 1�� �011
Rev. 1.00
�1
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
Special Function Register
Most of the Special Function Register details will be described in the relevant functional section.
However several registers require a separate description in this section.
Indirect Addressing Registers – IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, although having their locations in normal RAM
register, do not actually physically exist as normal registers. The method of indirect addressing
for RAM data manipulation is using these Indirect Addressing Registers and Memory Pointers, in
contrast to direct memory addressing, where the actual memory address is specified. Actions on the
IAR0 and IAR1 registers will result in no actual read or write operation to these registers but rather
to the memory location specified by their corresponding Memory Pointers, MP0 or MP1. Acting as a
pair, IAR0 and MP0 can together access data from Bank0 while the IAR1 and MP1 register pair can
access data from any bank. As the Indirect Addressing Registers are not physically implemented,
reading the Indirect Addressing Registers indirectly will return a result of “00H” and writing to the
registers indirectly will result in no operation.
Memory Pointers – MP0, MP1
Two Memory Pointers, known as MP0 and MP1 are provided. These Memory Pointers are
physically implemented in the Data Memory and can be manipulated in the same way as normal
registers providing a convenient way with which to indirectly address and track data. MP0 can
only be used to indirectly address data in Bank 0 while MP1 can be used to address data in Bank 0,
Bank 1 and Bank 2. When any operation to the relevant Indirect Addressing Registers is carried out,
the actual address that the microcontroller is directed to, it is the address specified by the related
Memory Pointer.
Indirect Addressing Program Example
data . section ‘data’
adres1
db
?
adres2
db
?
adres3
db
?
adres4
db
?
block
db
?
code. section at 0 code
org 00h
start:
mov a,04h
;setup size of block
mov block,a
mov a,offset adres1
; Accumulator loaded with first RAM address
mov mp0,a
; setup memory pointer with first RAM address
loop:
clr IAR0
; clear the data at address defined by MP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific
Data Memory addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com