Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R0664 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT46R0664
Description  Enhanced A/DLCD Type 8-Bit OTP MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0664 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT46R0664 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R0664 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
Rev. 1.00
70
����st 1�� �011
Rev. 1.00
71
����st 1�� �011
HT46R0664
Enhanced A/D+LCD 8-Bit OTP MCU
CTRL4 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
LXTLP
—
TB1�
TB11
TB10
R/W
—
—
—
R/W
—
R/W
R/W
R/W
POR
—
—
—
0
—
1
1
1
Bit 7~3
Described elsewhere
Bit 2~0
TB12~TB10: Time Base 1 clock selection
000: fS/28
001: fS/29
010: fS/210
011: fS/211
100: fS/212
101: fS/213
110: fS/214
111: fS/215
LI RC
f SY S /4
¸ 2 ~ 2
12
15
¸ 2 ~ 2
8
15
TB 12 ~T B1 0
Ti me B as e 0 In te rr upt
Ti me B as e 1 In te rr upt
TB 01 ~T B0 0
f S
f S S ou rc e
Co nf ig ur at io n
O pt io n
LX T
Time Base Interrupts
Interrupt Wake-up Function
Each of the interrupt functions has the capability of waking up the microcontroller when in the
SLEEP or IDLE Mode. A wake-up is generated when an interrupt request flag changes from low to
high and is independent of whether the interrupt is enabled or not. Therefore, even though the device
is in the SLEEP or IDLE Mode and its system oscillator stopped, situations such as external edge
transitions on the external interrupt pins, a low power supply voltage or may cause their respective
interrupt flag to be set high and consequently generate an interrupt. Care must therefore be taken if
spurious wake-up situations are to be avoided. If an interrupt wake-up function is to be disabled then
the corresponding interrupt request flag should be set high before the device enters the SLEEP or
IDLE Mode. The interrupt enable bits have no effect on the interrupt wake-up function.
Programming Considerations
By disabling the relevant interrupt enable bits, a requested interrupt can be prevented from being
serviced, however, once an interrupt request flag is set, it will remain in this condition in the
interrupt register until the corresponding interrupt is serviced or until the request flag is cleared by a
software instruction.
Where a certain interrupt is contained within a Multi-function interrupt, then when the interrupt
service routine is executed, as only the Multi-function interrupt request flag, MFF, will be
automatically cleared, the individual request flag for the function needs to be cleared by the
application program.
It is recommended that programs do not use the “CALL” instruction within the interrupt service
subroutine. Interrupts often occur in an unpredictable manner or need to be serviced immediately.
If only one stack is left and the interrupt is not well controlled, the original control sequence will be
damaged once a CALL subroutine is executed in the interrupt subroutine. Every interrupt has the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com