Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 65 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 65 Page - ams AG

Back Button AS3630 Datasheet HTML 61Page - ams AG AS3630 Datasheet HTML 62Page - ams AG AS3630 Datasheet HTML 63Page - ams AG AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG AS3630 Datasheet HTML 66Page - ams AG AS3630 Datasheet HTML 67Page - ams AG AS3630 Datasheet HTML 68Page - ams AG AS3630 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 65
Thermistor (NTC)
The NTC is used to protect the LED against overheating
(hardware protection inside the AS3649, which works without
any software - see “NTC - Flash LED Overtemperature Protection
- fault_ntc” on page 37.
The thermistor has to be thermally coupled to the LED (and
therefore as close as possible to the LED) and it shall not share
the same ground connection as the LED return ground (if they
share the same ground connection the high current through
the LED will offset the measurement of the NTC).
Figure AS3630 – 51:
Recommended Thermistors
It is recommended to use 220k
Ω resistance for a detection
threshold of 125ºC, 100k
Ω for 110ºC and 68kΩ for 80ºC LED
temperature detection threshold.
Part Number
Resistance @ 25ºC
B-constant 25/50ºC
Size
Manufacturer
NCP02WF104F05RH
100kΩ ±1%
4250k ±1%
01005 (inch)
Murata
www.murata.com
NCP02XH103F05RH
10kΩ ±1%
3380k ±1%
01005 (inch)
NCP03WL224E05RL
220kΩ ± 3%
4485K ± 1%
0201 (inch)
NCP03WL104E05RL
100kΩ ± 3%
4485K ± 1%
NCP15WF104F03RC
100kΩ
0402 (inch)
NCP15WL683J03RC
68kΩ
NTCG104QH224HT
220kΩ ± 3%
4750k ± 3%
1.0x0.5mm
TDK
www.tdk.com
NTCG104EF104FT
100kΩ ± 1%
4250k ± 1%
NTCG104LH683JT
68kΩ ± 5%
4550k ± 3%
NTCG104BF683JT
4085k ± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com