Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 64 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 64 Page - ams AG

Back Button AS3630 Datasheet HTML 60Page - ams AG AS3630 Datasheet HTML 61Page - ams AG AS3630 Datasheet HTML 62Page - ams AG AS3630 Datasheet HTML 63Page - ams AG AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG AS3630 Datasheet HTML 66Page - ams AG AS3630 Datasheet HTML 67Page - ams AG AS3630 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
AS3630 – 64
8A Supercap Flash Driver
Figure AS3630 – 50:
Recommended Inductor
If a different inductor is chosen, ensure similar DCR values and
at least0.6μH inductance at ILDCCD2 set by coil2_peak.
Part Number
L
DCR
max.
coil2_peak
setting
Size
Manufacturer
MPI4040R2-1R0-R
1.0μH
>0.6μH @ 6.0A
25m
Ω
6.0A1
(max. value)
1. Flash profile and max. TAMB to be checked with coil manufacturer.
4.06x4.45x1
.5mm
height is
max
Coiltronics (Cooper
Bussmann)
www.cooperbussmann.c
om
MPI4040R1-1R0-R
1.0μH
>0.6μH @ 6.0A
40m
Ω
check with
coiltronics
4.06x4.45x1
.2mm
height is
max
XAL4020-102ME_
1.0μH
>0.6μH @ 6.0A
13.25m
Ω
6.0A
(max. value)
4x4x2mm
max 2.1mm
height
Coilcraft
www.coilcraft.com
XFL4020-102ME_
1.0μH
>0.6μH @
5.29A
14.4m
Ω
5.29A
4x4x2mm
max 2.1mm
height
SPM4012T-1R0M
1.0μH ± 20%
38m
Ω
4.57A
4.4x4.1x1.2
mm
height is
max
TDK
www.tdk.com
SPM3012T-1R0M
1.0μH ± 20%
57m
Ω
±10%
3.0A
(3.5A2)
2. Check with coil supplier
3.2x3x1.2
mm
height is
max
LQM32PN1R0MG0
1.0μH
>0.6μH @ 3.0A
60m
Ω
3.0A3
3. Flash pattern: 200ms/3A, 200ms pause, 200ms/3A, 2s then repeat again (no limit on the number of total cycles)
Alternative pattern with 1000ms/1.6A, 200ms pause, 200ms/3A, 200ms pause, 200ms/3A, 2s then repeat again. (no limit on the number of
total cycles)
3.2x2.5x0.9
mm
max 1.0mm
height
Murata
www.murata.com
CIG32W1R0MNE
1.0μH
>0.7μH @ 2.7A
>0.6μH @ 3.0A
60m
Ω
±25%
3.0A
3.2x2.5mm
max 1.0mm
height
Samsung
Electro-Mechancs
www.sem.samsung.co.kr
CKP3225N1R0M
1.0μH
>0.6μH @ 3.0A
<60m
Ω
3.0A4
4. Check with coil supplier for worst case flash pattern.
3.2x2.5x0.9
mm
max 1.0mm
height
Taiyo Yuden
www.t-yuden.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com