Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 28 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 28 Page - ams AG

Back Button AS3630 Datasheet HTML 24Page - ams AG AS3630 Datasheet HTML 25Page - ams AG AS3630 Datasheet HTML 26Page - ams AG AS3630 Datasheet HTML 27Page - ams AG AS3630 Datasheet HTML 28Page - ams AG AS3630 Datasheet HTML 29Page - ams AG AS3630 Datasheet HTML 30Page - ams AG AS3630 Datasheet HTML 31Page - ams AG AS3630 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
AS3630 – 28
8A Supercap Flash Driver
Note: If DCDC1 shall not be used during flash (the whole current
has to be delivered by DCDC2 using the Supercap only, no
current from VIN) set the registers as follows:
txmask_torch_mode = 01b (TXMASK/TORCH is used as TXMask
input),
pull TXMASK/TORCH to ‘1’,
coil1_peak = 000b.
The AS3630 will then always operate in TXMask mode and
switch off DCDC1 (as coil1_peak = 000b).
Battery and Flash LED Current Reductions in Flash Mode
Current Reduction by VIN Measurements In Flash Mode
Due to the load of the flash driver and the ESR of the battery
(especially critical at low temperatures), the voltage on the
battery drops. If the voltage drops below the system reset
threshold, the system would reset. To prevent this condition the
AS3630 monitors the battery voltage and keeps it above
vin_low_v as follows:
During flash, if the voltage on VIN drops below the threshold
defined by vin_low_v, coil1_peak current is reduced thus
reducing the current from the battery and preventing a system
shutdown. Due to the unique regulation scheme (see DCDC1 /
DCDC2 Operating Principle During Flash) more current is
automatically used from the Supercap and therefore the flash
current is kept constant.
This function can be disabled by setting vin_low_v = 000b.
DCDC1 and DCDC2 in Current Limit
See DCDC1 / DCDC2 Operating Principle During Flash operating
mode 3.
TXMASK
The coil LDCDC1 current limit is usually defined by coil1_peak. If
this current is too high to allow parallel operation of another
high power load (e.g. the RF power amplifier) without
overloading of the battery, the TXMask function can be used.
Set txmask_torch_mode = 01b (TXMASK/TORCH is used as
TXMask input) and connect the enable line of the other high
power load to the AS3630 pin TXMASK/TORCH.
In the event of TXMASK/TORCH=1 during flash, the coil1_peak
current is instantaneously reduced by coil1_txmask_curr_red
steps (coding as for coil1_peak). If coil1_peak minus
coil1_txmask_curr_red steps would be negative DCDC1 is
switched off during TXMask.
Once TXMASK/TORCH=0, the coil peak current is ramped to the
previous programmed value of coil1_peak.
Continuous LED Current Ramp Down During Flash
If the register led_current_rampdown is set, the LED current
during flash is continuously ramped down. This has the benefit
of using the Supercap energy most efficiently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com