Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 59 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 59 Page - ams AG

Back Button AS3630 Datasheet HTML 55Page - ams AG AS3630 Datasheet HTML 56Page - ams AG AS3630 Datasheet HTML 57Page - ams AG AS3630 Datasheet HTML 58Page - ams AG AS3630 Datasheet HTML 59Page - ams AG AS3630 Datasheet HTML 60Page - ams AG AS3630 Datasheet HTML 61Page - ams AG AS3630 Datasheet HTML 62Page - ams AG AS3630 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 59
0Ah
Interrupt
Mask
00h
status_eoc_m
ask
status_adc_
eoc_mask
fault_led_mask
fault_overt
emp_mask
fault_timeo
ut_mask
fault_sc_shor
t_mask
fault_ntc_
mask
fault_curren
t_reduced_
mask
0Bh
PWM and
Indicator
40h
ind_blink_delay
ind_current
led_out_pwm
0Ch
Minimum
LED Current
NA
led_current_min
0Dh
ADC MSB
NA
ADC_D9-D2
0Eh
ADC LSB
0Xh
led_current_rampdown
0
0
0
0
ADC_D1-D0
0Fh
NTC
68h
test6
skip_enable
ind_blink_on_time
NTC_current
10h
OTP1
NA
OTP_data12
11h
OTP2
NA
OTP_data2
12h
OTP3
NA
OTP_data3
13h
OTP4
NA
OTP_lock
OTP_data4
Read-Only Register
if writing to read-only register is required, write ‘0’ to read-only positions
(e.g. ADC LSB)
R/W Register
1. The register Fault / Status is a read only register, which is automatically cleared after readout. Therefore only a single I²C access is required to poll the status of the AS3630.
2. If OTP data are fused in-circuit, expect a small yield loss.
Addr
Name
Default
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com