Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 23 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 23 Page - ams AG

Back Button AS3630 Datasheet HTML 19Page - ams AG AS3630 Datasheet HTML 20Page - ams AG AS3630 Datasheet HTML 21Page - ams AG AS3630 Datasheet HTML 22Page - ams AG AS3630 Datasheet HTML 23Page - ams AG AS3630 Datasheet HTML 24Page - ams AG AS3630 Datasheet HTML 25Page - ams AG AS3630 Datasheet HTML 26Page - ams AG AS3630 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 23
Figure AS3630 – 20:
Supercap Charging
• Charging - (see Figure above): Once the voltage on
VSUPERCAP
≥ VIN and mode_setting = “Supercap charge”,
the main charging can start: The DCCD1 converter is
operated and the switch between VDCDC and SW2 is closed.
The charging current in this phase is defined by the LDCDC1
peak current limit (programmed by coil1_peak).
Once the voltage on VSUPERCAP reaches
end_of_charge_voltage4, the peak current through LDCDC1
is reduced to 500mA. Charging is finished when the
voltage on VSUPERCAP again reaches
end_of_charge_voltage. Then the flash status_eoc is set and
if enabled by status_eoc_mask, INT is pulled low.
If keep_sc_charged=1, AS3630 will continuously check the
voltage on VSUPERCAP if it drops below
end_of_charge_voltage and automatically recharge the
Supercap with 5mA.
• Keep charge: Even in torch or PWM operation5 of the LED
connected to LED_OUT the charge on VSUPERCAP can be
maintained by setting keep_sc_charged=1. Then the
current source IKEEP_CHARGE will be used to charger
VSUPERCAP from VDCDC (without exceeding
end_of_charge_voltage).
4. In pre-charge the Supercap is always charged close to VVIN; therefore VSUPERCAP_EOC
≥ VVIN
5. In these modes DCDC2 is not used as LED_OUT can be driven directly with DCDC1 from VIN.





 




 



 
  


 !"#
$%&
'#!
#
! )
'#
*+




$, !-

.%/ 


0
1
0

0

 
2 -3  -
2
20
3 ( ( '#!
#
!
4 3 (!
(!
 -5 3 (



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com