Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 46 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 46 Page - ams AG

Back Button AS3630 Datasheet HTML 42Page - ams AG AS3630 Datasheet HTML 43Page - ams AG AS3630 Datasheet HTML 44Page - ams AG AS3630 Datasheet HTML 45Page - ams AG AS3630 Datasheet HTML 46Page - ams AG AS3630 Datasheet HTML 47Page - ams AG AS3630 Datasheet HTML 48Page - ams AG AS3630 Datasheet HTML 49Page - ams AG AS3630 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
AS3630 – 46
8A Supercap Flash Driver
02h
Current Set LED
led_current
Access
RW
Reset Value
15h (206mA)
LED Current pin LED_OUT; the range of this setting is defined by led_current_range
LSB is 9.8mA (2500mA/255) for led_current_range=00b
LSB is 980μA (250mA/255) for led_current_range=01b
LSB is 11.76mA (3000mA/255) for led_current_range=10b
led_current_range
led_current
00b
01b
10b
11b
00h
0mA
0mA
0mA
0mA
01h
9.8mA
Don’t use below 10mA (code
0Bh)
Don’t use
below
2506mA
(code D5h)
Don’t use
below
2996mA
(code BFh)
02h
19.6mA
03h
29.4mA
...
...
D5h
2088mA
209mA
2506mA
3341mA
...
...
...
...
...
FFh
2500mA
250mA
3000mA
4000mA
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com