Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 24 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 24 Page - ams AG

Back Button AS3630 Datasheet HTML 20Page - ams AG AS3630 Datasheet HTML 21Page - ams AG AS3630 Datasheet HTML 22Page - ams AG AS3630 Datasheet HTML 23Page - ams AG AS3630 Datasheet HTML 24Page - ams AG AS3630 Datasheet HTML 25Page - ams AG AS3630 Datasheet HTML 26Page - ams AG AS3630 Datasheet HTML 27Page - ams AG AS3630 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
AS3630 – 24
8A Supercap Flash Driver
• Shutdown: Setting mode_setting=”shutdown or external
torch mode (leave Supercap charged)” will keep the
Supercap charged and disables the balancing circuit.It can
be forced on if bal_force_on is set. If the voltage voltage
on VDCDC is above 5.35V, the Supercap will be discharged
until VDCDC is below 5.3V before shutdown mode is
entered.
• Shutdown and Discharge: Setting
mode_setting=”shutdown and discharge Supercap” will
slowly discharge the Supercap through RDIS_CHARGE6 .
• Pre-Charge after Charge or Flash: Setting
mode_setting=”pre charge Supercap (to VIN)” will
discharge the Supercap to approximately VVIN-0.3V by
using RDIS_CHARGE. Afterwards the Supercap is charged
to VVIN as shown in Figure 19.
Note: If the Supercap is charged above 5.5V it will be discharged
to 5.5V even if the mode is set to “shutdown or external torch
mode (leave Supercap charged)” to protect the Supercap.
If during pre-charge, transition or charging operation, the
junction temperature exceed TOVTEMP, the operation is
temporarily stopped and automatically resumes, when the
junction temperature has dropped below TOVTEMP-TOVTEMPHYST.
The Supercap balancing circuit keeps both parts of the
Supercap at the same voltage level - see Balancing Circuit - Pin
BAL.
6. Implemented by a resistor between VSUPERCAP and BAL and another resistor between BAL and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com