Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 70 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 70 Page - ams AG

Back Button AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG AS3630 Datasheet HTML 66Page - ams AG AS3630 Datasheet HTML 67Page - ams AG AS3630 Datasheet HTML 68Page - ams AG AS3630 Datasheet HTML 69Page - ams AG AS3630 Datasheet HTML 70Page - ams AG AS3630 Datasheet HTML 71Page - ams AG AS3630 Datasheet HTML 72Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
AS3630 – 70
8A Supercap Flash Driver
The PCB assembly should be instrumented and the reflow
oven’s process parameters established to ensure the solder
paste manufacturer’s reflow profile specification is met during
the assembly process. See Figure below.
The maximum PCB temperature recommended by the supplier
must not be exceeded.
Figure AS3630 – 57:
Solder Reflow Profile
JEDEC standard Lead-free reflow profile: According to J-STD-020D.
Figure AS3630 – 58:
Recommended Reflow Soldering Profile
Profile Feature
Lead-free Assembly
Average ramp-up rate (Tsmax to TP)
3 °C/second max.
Preheat
•Temperature Min (Tsmin)
•Temperature Max (Tsmax)
•Time (tL)
150 °C
200 °C
60 – 120 seconds
Time maintained above:
•Temperature (TL)
•Time (tL)
217 °C
60 – 150 seconds
Peak/classification temperature (TP)
260 °C
Time within 5 °C of actual peak temperature (TP)
30 seconds
Ramp-down rate
6 °C/second max.
Time 25 °C to peak temperature
8 minutes max.
Soldering Information
Tsmin
Tsmax
TL
t 25°C to Peak Temperature
TL
tP
Ramp Down
TL
Ramp
Up
Critical
Zone
TL to TP
TP
Time [s]
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com