Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 27 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 27 Page - ams AG

Back Button AS3630 Datasheet HTML 23Page - ams AG AS3630 Datasheet HTML 24Page - ams AG AS3630 Datasheet HTML 25Page - ams AG AS3630 Datasheet HTML 26Page - ams AG AS3630 Datasheet HTML 27Page - ams AG AS3630 Datasheet HTML 28Page - ams AG AS3630 Datasheet HTML 29Page - ams AG AS3630 Datasheet HTML 30Page - ams AG AS3630 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 27
Figure AS3630 – 23:
Automatically Selected Operating Mode After Flash
DCDC1 / DCDC2 Operating Principle During Flash
In order to supply the required LED output current during flash
operation, DCDC1 (from VIN) and DCDC2 (from Supercap) are
used in parallel as shown in Figure 22.
Three different operating modes are used (automatically
selected by the AS3630):
1.
DCCD1 alone can deliver the full flash current.
IDCDC1<coil1_peak, IDCDC2=0A
DCDC1 is regulated to deliver the flash LED current
alone; no current is used from DCDC2 or the Supercap.
2.
DCDC1 and DCDC2 together deliver the flash current.
IDCDC1 hits coil1_peak, IDCDC2<coil2_peak
DCDC1 is operating in peak current limit (controlled by
coil1_peak) and DCDC2 is controlled to deliver the
remaining current for the LED. DCDC2 peak current is
below the setting coil2_peak.
3.
DCDC1 and DCDC2 together cannot deliver the full flash
current.
IDCDC1 hits coil1_peak, IDCDC2 hits coil2_peak
In this operating mode both peak current settings
together (coil1_peak and coil2_peak) are not able to
deliver the programmed led_current. Therefore both
DCDCs are operating in coil current limit and the LED
current is the resulting sum of these two currents. If the
register bit curr_limit_curr_red is set, led_current is
ramped down8 until DCDC2 leaves peak current limit
and operation continuous at mode 2. (DCDC1 and
DCDC2 together deliver the flash current) and
led_current_min is set to the reduced LED current.
4.
If the voltage on VSUPERCAP drops below 2.4V, DCDC2
is disabled and the flash current drops to the current
supplied by DCDC1 only.
mode_after_flash
(see page 51)
mode_setting
updated to
Mode selected after flash has been finished
00
000b
Shutdown of AS3630, but leave Supercap at the voltage
at the end of the flash
01
001b
Shutdown AS3630 and discharge Supercap
10
010b
Discharge the Supercap to approximately VVIN-0.3V by
using RDIS_CHARGE. Afterwards the Supercap is charged to
VVIN as shown in Figure 19 and kept at this voltage
11
011b
Supercap is automatically recharged to
end_of_charge_voltage
8. fault_current_reduced is set to indicate this condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com