Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 42 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 42 Page - ams AG

Back Button AS3630 Datasheet HTML 38Page - ams AG AS3630 Datasheet HTML 39Page - ams AG AS3630 Datasheet HTML 40Page - ams AG AS3630 Datasheet HTML 41Page - ams AG AS3630 Datasheet HTML 42Page - ams AG AS3630 Datasheet HTML 43Page - ams AG AS3630 Datasheet HTML 44Page - ams AG AS3630 Datasheet HTML 45Page - ams AG AS3630 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
AS3630 – 42
8A Supercap Flash Driver
acknowledges the slave address + write bit, the master
transmits a register address to the AS3630. This sets the
register pointer on the AS3630. The master may then
transmit zero or more bytes of data, with the AS3630
acknowledging each byte received. The address pointer
will increment after each data byte is transferred. The
master generates a STOP condition to terminate the
data write.
2.
Slave Transmitter Mode (Read Mode): The first byte is
received and handled as in the slave receiver mode.
However, in this mode, the direction bit indicates that
the transfer direction is reversed. Serial data is
transmitted on SDA by the AS3630 while the serial clock
is input on SCLK. START and STOP conditions are
recognized as the beginning and end of a serial transfer
(Figure 39 and Figure 40). The slave address byte is the
first byte received after the master generates a START
condition. The slave address byte contains the 7-bit
AS3630 address, which is shown in Figure 42, followed
by the direction bit (R/W), which, for a read, is 1.12 After
receiving and decoding the slave address byte the
device outputs an acknowledge on the SDA line. The
AS3630 then begins to transmit data starting with the
register address pointed to by the register pointer. If the
register pointer is not written to before the initiation of
a read mode the first address that is read is the last one
stored in the register pointer. The AS3630 must receive
a “not acknowledge” to end a read.
Figure AS3630 – 38:
Data Write - Slave Receiver Mode
11. The address for writing to the AS3630 is shown in Figure 42
12. The address for read mode from the AS3630 is shown in Figure 42
S
Figure 42
0
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
A
XXXXXXXX
P
<Slave Address>
<Word Address (n)>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
Data Transferred
(X + 1 Bytes + Acknowledge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com