Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 54 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 54 Page - ams AG

Back Button AS3630 Datasheet HTML 50Page - ams AG AS3630 Datasheet HTML 51Page - ams AG AS3630 Datasheet HTML 52Page - ams AG AS3630 Datasheet HTML 53Page - ams AG AS3630 Datasheet HTML 54Page - ams AG AS3630 Datasheet HTML 55Page - ams AG AS3630 Datasheet HTML 56Page - ams AG AS3630 Datasheet HTML 57Page - ams AG AS3630 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
AS3630 – 54
8A Supercap Flash Driver
0Bh
PWM and
Indicator
ind_blink_delay
ind_current
led_out_pwm
Access
RW
RW
RW
Reset Value
01b
000b
000b
Control indicator blinking
function delay between blinks if
ind_on=1
00 ... continuously on (no
blinking)
01 ... 512ms
10 ... 1024ms
11 ... 2048ms
IND_OUT current setting if ind_on=1
000 … 1mA
001 … 2mA
010 … 3mA
011 … 4mA
100 … 5mA
101 … 6mA
110 … 7mA
111 … 8mA
PWM modulate LED_OUT current if
mode_setting=PWM operation; automatically
uses led_current_range=00 (10mA...2500mA)
but limits current to 303.9mA (codes 00h...1Fh
for led_current)
000 1/32 PWM at 15.625kHz- subharmonic
oscillation are possible - not recommended to
use
001 don’t use - use 1/16 instead
010 3/32 PWM at 15.625kHz
011 don’t use - use 2/16 instead
100 1/16 PWM at 31.25kHz
101 2/16 PWM at 31.25kHz
110 3/16 PWM at 31.25kHz
111 4/16 PWM at 31.25kHz
0Ch
Minimum LED
Current
led_current_min
Access
RO
Reset Value
00h
At the beginning of a flash pulse, led_current_min is set to led_current then it is reduced upon following condition: (coil1_peak hit
and coil2_peak hit and curr_limit_curr_red=1); led_current_min has the same coding used as led_current (the current reduction
happens in steps as the coding of led_current is done)
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com