Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 56 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 56 Page - ams AG

Back Button AS3630 Datasheet HTML 52Page - ams AG AS3630 Datasheet HTML 53Page - ams AG AS3630 Datasheet HTML 54Page - ams AG AS3630 Datasheet HTML 55Page - ams AG AS3630 Datasheet HTML 56Page - ams AG AS3630 Datasheet HTML 57Page - ams AG AS3630 Datasheet HTML 58Page - ams AG AS3630 Datasheet HTML 59Page - ams AG AS3630 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
AS3630 – 56
8A Supercap Flash Driver
0Fh
NTC
test6
skip_enable
ind_blink_on_time
NTC_current
Access
R/W
RW
RW
RW
Reset Value
0
1
10
8h
Test bit - don’t
use
Allow
pulse-skip
operation or
force 4MHz
operation
0...4MHz
operation
1...pulse-skip
Control indicator blinking
on-time if ind_on=1 (excluding
rampup/down)
00 ... 0ms (immediate
ramp-down after ramp-up)
01 ... 128ms
10 ... 256ms - default
11 ... 512ms
Current through the NTC when overtemperature protection of
the LEDs (LED_OUT) is monitored
0h … off; use for an external drive of NTC
1h … 40μA
2h … 80μA
3h … 120μA
4h … 160μA
5h … 200μA
6h … 240μA
7h … 280μA
8h … 320μA - default
9h … 360μA
Ah … 400μA
Bh … 440μA
Ch … 480μA
Dh … 520μA
Eh … 560μA
Fh … 600μA
10h
OTP1
OTP_data1
Access
RO
Reset Value
NA
Data of OTP
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com