Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 32 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 32 Page - ams AG

Back Button AS3630 Datasheet HTML 28Page - ams AG AS3630 Datasheet HTML 29Page - ams AG AS3630 Datasheet HTML 30Page - ams AG AS3630 Datasheet HTML 31Page - ams AG AS3630 Datasheet HTML 32Page - ams AG AS3630 Datasheet HTML 33Page - ams AG AS3630 Datasheet HTML 34Page - ams AG AS3630 Datasheet HTML 35Page - ams AG AS3630 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
AS3630 – 32
8A Supercap Flash Driver
Current Ranges
Depending on operating mode (mode_setting (see page 51)) the
current settings according to Figure 26 are possible9 :
Figure AS3630 – 26:
LED Current Selections
SOFTSTART / Soft Ramp Down
During startup and ramp down the LED current is smoothly
ramped up and ramped down. Additionally the DCDC converter
on VIN has a startup mechanism to minimize or eliminate
battery input current overshoots.
Indicator Blinking Function
Setting ind_on=1 enabled the indicator current source on pin
IND_OUT. If ind_blink_delay=00 or ind_blink_on_time= 00, the
current source is constantly enabled with a current defined by
ind_current. All other conditions enable the indicator blinking
feature as shown in Figure 27 controlled by ind_blink_on_time,
ind_rampup_smooth, ind_rampdown_smooth, ind_blink_delay
and ind_current. Smooth current rampup and rampdown is
done using PWM modulation.
9. The LED current is limited by hardware to protect the LEDs under any condition.
led_current_range
External Torch
Mode or Torch
Mode
PWM Operation
Flash
Operation
Torch operation
sync to STROBE
00
(10-2500mA range)
Ok, but limited to
460mA
Ok, but limited to
303.9mA
Ok
Ok, but limited to
931mA
01
(10-250mA range)
Ok
Will use 00 range
(10-303.9mA)
Ok
Ok
10
(2500-3000mA range)
Will use 00 range
(10mA - 460mA)
Will use 00 range
(10-303.9mA)
Ok
Will use 00 range
(10mA - 931mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com