Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 58 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 58 Page - ams AG

Back Button AS3630 Datasheet HTML 54Page - ams AG AS3630 Datasheet HTML 55Page - ams AG AS3630 Datasheet HTML 56Page - ams AG AS3630 Datasheet HTML 57Page - ams AG AS3630 Datasheet HTML 58Page - ams AG AS3630 Datasheet HTML 59Page - ams AG AS3630 Datasheet HTML 60Page - ams AG AS3630 Datasheet HTML 61Page - ams AG AS3630 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
AS3630 – 58
8A Supercap Flash Driver
Figure AS3630 – 44:
Register Map
Addr
Name
Default
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
00h
Fixed ID
17h
fixed_id
01h
Version
XXh
reserved
version
02h
Current Set
LED
15h
led_current
03h
Boost/TXMas
k Current
0Ch
led_current_range
curr_limit_curr
_red
coil1_txmask_curr_red
txmask_torch_mode
04h
Coil and
Charge
Current
54h
charge_current
coil2_peak
coil1_peak
05h
Charge / Low
Voltage
2Dh
bal_force_on
end_of_charge_voltage
vin_low_v
06h
Flash Timer
CFh
ind_rampup_s
mooth
ind_rampdo
wn_smooth
flash_timeout
07h
Control
61h
ind_on
mode_after_flash
keep_sc_ch
arged
ntc_on
mode_setting
08h
Strobe and
ADC control
C0h
strobe_on
strobe_type
ADC_convert
ADC_channel
09h
Fault /
Status1
00h
status_eoc
status_adc_
eoc
fault_led
fault_overt
emp
fault_timeo
ut
fault_sc_shor
t
fault_ntc
fault_curren
t_reduced
Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com