Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 11 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 11 Page - ams AG

Back Button AS3630 Datasheet HTML 7Page - ams AG AS3630 Datasheet HTML 8Page - ams AG AS3630 Datasheet HTML 9Page - ams AG AS3630 Datasheet HTML 10Page - ams AG AS3630 Datasheet HTML 11Page - ams AG AS3630 Datasheet HTML 12Page - ams AG AS3630 Datasheet HTML 13Page - ams AG AS3630 Datasheet HTML 14Page - ams AG AS3630 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 11
Averaging
ADC internal
averaging filter
Number of conversion per
measurement (averaged);
measurements can be started
immediately, at begin of flash and
end of flash - see ADC_convert
4
Protection and Fault Detection Functions
VVOUTMAX
VDCDC
overvoltage
protection
DCDC Converter Overvoltage
Protection
9.3
10.0
V
ILDCDC1
Current Limit for
coil LDCDC1 (Pin
SW1) measured at
75% PWM duty
cycle3
Set by coil1_peak
and
coil1_txmask_curr
_red during
TXMask
Range
500
3500
mA
Accuracy, ΔI
-10
+10
%
ILDCDC2
Current Limit for
coil LDCDC2 (Pin
SW1) measured at
75% PWM duty
cycle3
Set by coil2_peak
Range
1000
6000
mA
Accuracy, ΔI
-10
+10
%
VLEDSHORT
Flash LED short
circuit detection
voltage
Voltage measured on pin LED_OUT
monitored once the LED_OUT current
is at or above a minimum current -
“Short/Open LED Protection -
fault_led” on page 35
1.45
V
TOVTEMP
Overtemperature
Protection
Junction temperature
144
ºC
TOVTEMP
HYST
Overtemperature
Hysteresis
5ºC
tFLASHTIMEO
UT
Flash Timeout
Timer
Set by
flash_timeout
Range
4
760
ms
Accuracy, Δt
-10%
-2ms
+10%
+2ms
VUVLO
Undervoltage
Lockout
Falling VVIN
2.3
2.4
2.5
V
Rising VVIN
VUVLO
+0.05
VUVLO
+0.1
VUVLO
+0.15
V
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com