Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 68 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 68 Page - ams AG

Back Button AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG AS3630 Datasheet HTML 66Page - ams AG AS3630 Datasheet HTML 67Page - ams AG AS3630 Datasheet HTML 68Page - ams AG AS3630 Datasheet HTML 69Page - ams AG AS3630 Datasheet HTML 70Page - ams AG AS3630 Datasheet HTML 71Page - ams AG AS3630 Datasheet HTML 72Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
AS3630 – 68
8A Supercap Flash Driver
Figure AS3630 – 54:
25pin WL-CSP Marking
Notes:
1. Line 1 : ams AG logo
2. Line 2 : AS3630
3. Line 3 : <Code> (Encoded Datecode - 4 characters)
Figure AS3630 – 55:
25pin WL-CSP Package Dimensions
Package Drawings and Markings
   
 
! "
#!$
 
%
&
"
"
"&
&
'
'
'&
(
(
(&
"
"
'
'
(
(
)
)
"%
%
'%
(%
)
)
)&
)%
"&
&
'&
(&
"%
%
'%
(%
)&
)%
*
&
%
+
&
"
'
(
)
"%
%
'%
(%
)%
Note:
The coplanarity of the balls is 40
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com