Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 26 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 26 Page - ams AG

Back Button AS3630 Datasheet HTML 22Page - ams AG AS3630 Datasheet HTML 23Page - ams AG AS3630 Datasheet HTML 24Page - ams AG AS3630 Datasheet HTML 25Page - ams AG AS3630 Datasheet HTML 26Page - ams AG AS3630 Datasheet HTML 27Page - ams AG AS3630 Datasheet HTML 28Page - ams AG AS3630 Datasheet HTML 29Page - ams AG AS3630 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
AS3630 – 26
8A Supercap Flash Driver
Flash Operation
Additionally the step up converter DCDC1 (from VIN using
LDCDC1), the step up converter DCDC2 (from Supercap using
LDCDC2) is used in parallel operating at high efficiency for the
flash operation. This allows to reduce the current for each of the
DCDC’s and therefore the size of the Supercap and/or current
required from battery:
Figure AS3630 – 22:
Flash DCDC1 and DCDC2 Parallel Operation to Reduce Current and Size of Supercap
The flash operation is enabled by mode_setting = “Flash” and
the timeout timer (register flash_timeout) defines the maximum
flash duration.
Note: If the voltage on VSUPERCAP drops below 2.55V, DCDC2
is automatically stopped (and the flash current is supplied by
DCDC1 only).
Once the flash is finished, the AS3630 will automatically select
the operating mode according to register mode_after_flash (see
page 51) shown in Figure 26:





 




 



 
  


 !"#
$%&
'#!
#
! )
'#
*+




$, !-

.%/ 


0
1
0

0

 
2 -3  -
2
20
2 -3
' !
-'## !
+,

2 -3
' !
-'## !
+,
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com