Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 14 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 14 Page - ams AG

Back Button AS3630 Datasheet HTML 10Page - ams AG AS3630 Datasheet HTML 11Page - ams AG AS3630 Datasheet HTML 12Page - ams AG AS3630 Datasheet HTML 13Page - ams AG AS3630 Datasheet HTML 14Page - ams AG AS3630 Datasheet HTML 15Page - ams AG AS3630 Datasheet HTML 16Page - ams AG AS3630 Datasheet HTML 17Page - ams AG AS3630 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
AS3630 – 14
8A Supercap Flash Driver
Figure AS3630 – 7:
I2C Mode Timing Diagram
All measurements are performed at VVIN=3.7V and TAMB=25°C.
LED = LXCL-LW07.
Figure AS3630 – 8:
Efficiency vs. Supply Voltage VIN for DCDC1
Efficiency vs. Supply Voltage: Shows efficiency (POUT/PIN) of internal DCDC1 (VIN to VDCDC) vs. different supply
Timing Diagrams
SCLK
SDA
tBUF
tHD:STA
tSU:STA
REPEATED
tSU:STO
tF
tSU:DAT
tHIGH
tHD:DAT
tR
tLOW
tHD:STA
START
STO
Typical Operating Characteristics
40
45
50
55
60
65
70
75
80
85
90
3,0
3,5
4,0
4,5
5,0
5,5
Supply Voltage VIN [V]
coil1_peak=1.0A
coil1_peak=2.0A
coil1_peak=2.5A
coil1_peak=3.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com