Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 1 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 1 Page - ams AG

  AS3630 Datasheet HTML 1Page - ams AG AS3630 Datasheet HTML 2Page - ams AG AS3630 Datasheet HTML 3Page - ams AG AS3630 Datasheet HTML 4Page - ams AG AS3630 Datasheet HTML 5Page - ams AG AS3630 Datasheet HTML 6Page - ams AG AS3630 Datasheet HTML 7Page - ams AG AS3630 Datasheet HTML 8Page - ams AG AS3630 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 1
AS3630
8A Supercap Flash Driver
The AS3630 is an inductive high efficient 4MHz dual DCDC step
up converter with several sources. It supports the charging of a
Supercap, its voltage balancing and a highly efficient DCDC step
up from the Supercap to the LED and from VIN to the LED to
power the flash LED with up to 8A. The AS3630 supports the
pre-charging of the Supercap (to VIN) to reduce the startup time
for the flash without reducing the lifetime of the Supercap.
The system concept supports an immediate torch function
without first charging the Supercap.
The AS3630 includes flash timeout, over- undervoltage,
overtemperature and LED short circuit protection.
The AS3630 is controlled by an I²C interface for adjustment of
the currents and timings, set the end of charge voltage and
measure the Supercap and LED parameters through the internal
ADC. A dedicated TXMASK/TORCH input can be used for a torch
button -or- reducing the battery current if a RF PA is operated
at the same time (TX Masking). A hardware enable pin -ON can
be used as a reset input.
The AS3630 is available in a space-saving WL-CSP 5x5 balls
package measuring only 2.5x2.5x0.6mm and operates over the
-30ºC to +85ºC temperature range.
Figure AS3630 – 1:
Key Benefits and Features
Benefits
Features
Reduce Supercap size
Dual high efficiency boost converter with soft start
allows small coils
Instantaneous Torch operation for improved user
experience
Immediate Torch functions with charging of the
Supercap
Tiny external coils
4MHz fixed frequency DCDC
System Safety
10bit ADC converter for system monitoring with
Protection functions:
Automatic Flash Timeout timer to protect the LED
Overvoltage and undervoltage Protection
LED (NTC) and device Overtemperature Protection
LED short/open circuit protection
Improved thermal performance (ground = heat sink)
Flash LED(s) cathode connected to ground:
General Description


Similar Part No. - AS3630

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3635 AMSCO-AS3635 Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
logo
ams AG
AS3635B-ZWLT AMSCO-AS3635B-ZWLT Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
AS3635E-ZWLT AMSCO-AS3635E-ZWLT Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
AS3636 AMSCO-AS3636 Datasheet
1Mb / 42P
Photosensor support
More results

Similar Description - AS3630

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXGD3004E6 ZETEX-ZXGD3004E6 Datasheet
218Kb / 8P
8A(peak) gate driver
logo
ON Semiconductor
NCV7729 ONSEMI-NCV7729 Datasheet
257Kb / 26P
8A H-Bridge Driver
April, 2010 ??Rev. 0
logo
STMicroelectronics
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
High power white LED SuperCap??driver with I짼C interface
13-Sep-2012
logo
Asahi Kasei Microsystem...
AP2071 AKM-AP2071 Datasheet
1Mb / 31P
High Current (8A) white LEDs driver for Flash with I2C
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
logo
Asahi Kasei Microsystem...
AP2071AEN AKM-AP2071AEN Datasheet
1Mb / 31P
High Current (8A) white LEDs driver for Flash with I2C
logo
STMicroelectronics
STEVAL-TLL008V1 STMICROELECTRONICS-STEVAL-TLL008V1 Datasheet
319Kb / 4P
Camera flash with SuperCap based on the STCF04
February 2012 Rev 1
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
Camera flash with SuperCap™ daughterboard based on the STCF04
June 2012 Rev 1
STCF04 STMICROELECTRONICS-STCF04 Datasheet
1Mb / 43P
High power white LED SuperCap™ driver with I²C interface
September 2012 Rev 3
logo
Diodes Incorporated
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
40V 8A GATE DRIVER IN SOT26
March 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com