Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 49 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 49 Page - ams AG

Back Button AS3630 Datasheet HTML 45Page - ams AG AS3630 Datasheet HTML 46Page - ams AG AS3630 Datasheet HTML 47Page - ams AG AS3630 Datasheet HTML 48Page - ams AG AS3630 Datasheet HTML 49Page - ams AG AS3630 Datasheet HTML 50Page - ams AG AS3630 Datasheet HTML 51Page - ams AG AS3630 Datasheet HTML 52Page - ams AG AS3630 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 49
05h
Charge / Low
Voltage
bal_force_on
end_of_charge_voltage
vin_low_v
Access
RW
RW
RW
Reset Value
0b
5h
5h
Define Supercap end of charge
Note: In pre-charge the Supercap is always charged close to VVIN;
therefore end_of_charge_voltage
≥ VVIN
Reduce coil1_peak current if the VIN voltage
falls below vin_low_v -
0h function is disabled
1h 3.0V
2h 3.07V
3h 3.14V
4h 3.22V
5h 3.3V - default
6h 3.38V
7h 3.47V
0h … 4.61V
1h … 4.7V
2h … 4.79V
3h … 4.88V
4h … 4.97V
5h … 5.06V (default)
6h … 5.15V
7h … 5.24V
8h … 5.33V
9h … 5.42V
Ah … 5.51V
Bh … 5.61V
Ch … 5.7V
Dh … 5.79V
Eh … 5.88V
Fh … 5.97V
0 … balancing circuit is enabled according to the operating mode
1 … balancing circuit is always enabled
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com