Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 36 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 36 Page - ams AG

Back Button AS3630 Datasheet HTML 32Page - ams AG AS3630 Datasheet HTML 33Page - ams AG AS3630 Datasheet HTML 34Page - ams AG AS3630 Datasheet HTML 35Page - ams AG AS3630 Datasheet HTML 36Page - ams AG AS3630 Datasheet HTML 37Page - ams AG AS3630 Datasheet HTML 38Page - ams AG AS3630 Datasheet HTML 39Page - ams AG AS3630 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
AS3630 – 36
8A Supercap Flash Driver
If the voltage on VDCDC reaches VVOUTMAX and the voltage across
the current source between VDCDC and LED_OUT is below
VFLASH_COMP an open LED is detected.
If an open or shorted LED is detected, bit fault_led is set. The
DCDCs and current sinks are disabled and the Supercap is
discharged by setting mode_setting=001b. In external torch
mode, the register txmask_torch_mode is reset.
Note: Short/open LED detection is disabled in PWM operating
mode (mode_setting=101b). The voltage on VDCDC will
nevertheless never exceed VVOUTMAX.
AS3630 DIE Overtemperature Detected - fault_overtemp
The junction temperature of the AS3630 is continuously
monitored. If the temperature exceeds TOVTEMP, the DCDCs are
stopped, the current sources are disabled (instantaneous) and
the bit fault_overtemp is set (but the operating mode
mode_setting is not changed). The driver is automatically
re-enabled once the junction temperature drops below
TOVTEMP-TOVTEMPHYST.
Note: If an overtemperature is detected in Supercap pre-charge,
transition or charge mode, charging is temporarily disabled
until the temperature drops, but the register bit fault_overtemp
is not set.
Timeout Fault - fault_timeout
If the flash is started a timeout timer is started in parallel. If the
flash duration defined by the STROBE input (strobe_on=1 and
strobe_type=1, see Figure 31) exceeds tFLASHTIMEOUT
(adjustable by register flash_timeout), the DCDCs are stopped
and the flash current source (on pin LED_OUT ) is disabled
(ramping down) and fault_timeout is set.
If the flash duration is defined by the timeout timer itself
(strobe_on = 0, see Figure 28), the register fault_timeout is not
set after the flash has been finished.
AS3630 will automatically select the operating mode according
to register mode_after_flash shown in Figure 26.
Supercap Short Detected - fault_sc_short
In all operating modes except shutdown (mode_setting not
000b or 001b) once VSUPERCAP is above 2.4V both internal
capacitors of the Supercap (VSUPERCAP-BAL and BAL-GND) are
monitored if they are shorted. If any of them is shorted10,
charging is stopped and the Supercap is discharged by setting
mode_setting=001b andfault_sc_short is set.
10. VSUPERCAP-BAL is compared with typ. 950mV, BAL-GND is compared with typ. 700mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com