Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 60 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 60 Page - ams AG

Back Button AS3630 Datasheet HTML 56Page - ams AG AS3630 Datasheet HTML 57Page - ams AG AS3630 Datasheet HTML 58Page - ams AG AS3630 Datasheet HTML 59Page - ams AG AS3630 Datasheet HTML 60Page - ams AG AS3630 Datasheet HTML 61Page - ams AG AS3630 Datasheet HTML 62Page - ams AG AS3630 Datasheet HTML 63Page - ams AG AS3630 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
AS3630 – 60
8A Supercap Flash Driver
External Components
Supercap
The Supercap performance is critical for the performance of
AS3630. As the Supercap is affected by aging, the flash
performance has to be checked at end of life conditions.
Figure AS3630 – 45:
Recommended Supercap’s
Part
Number
C
ESR
Rated
Voltage
Peak
Rated1
Voltage
1. Can be applied constantly
Match
ing2
2. Difference of Capacitance of top capacitor (between VSUPERCAP/BAL) to capacitance of bottom capacitor (between BAL/GND).
Temp
Range3
3. Operating temperature range
Size
Manufact
urer
DME2Z5R5K43
4M3BT
430mF
±20%
50m
Ω
5.5V
4.2V
<5%
-30ºC...
+70ºC
20.5x18.5
x3.2mm
Murata
www.murat
a.com
DME2U5R5L35
4M3BT
350mF
±20%
60m
Ω
5.5V
4.2V
<5%
-30ºC...
+70ºC
20.5x18.5
x3.0mm
DMF3R5R5L35
4M3DTA0
350mF
±20%
60m
Ω
5.5V
4.2V
<5%
-30ºC...
+70ºC
21.0x14.0
x2.5mm
EDLC082644-3
31-2F-11
330mF
80m
Ω
5.5V
3.2V
-20ºC...
+70ºC
26x44
x0.8mm
TDK
www.tdk-
component
s.com
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com