Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 67 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 67 Page - ams AG

Back Button AS3630 Datasheet HTML 63Page - ams AG AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG AS3630 Datasheet HTML 66Page - ams AG AS3630 Datasheet HTML 67Page - ams AG AS3630 Datasheet HTML 68Page - ams AG AS3630 Datasheet HTML 69Page - ams AG AS3630 Datasheet HTML 70Page - ams AG AS3630 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 67
Drive 4 LEDs
In order to drive 4 LEDs at a maximum current of up to 4x3A =
12A15 using a single Supercap, two AS3630 can be used. The I²C
connections can be combined as the AS3630 supports two I²C
addresses (see “I²C Address Selection” on page 43). Use the
circuit shown in the figure below- to synchronize the flash
pulses use the STROBE input:
Figure AS3630 – 53:
Combining Two AS3630 Using a Single Supercap
15. Will depend on the Supercap and LEDs VF which flash current / flash duration can be used.





 



 






!

"  #
  

 
$%&'
()*
+'%
'
% -
+'
.!

#


(/ %0

1)"


#

2

2

2
345

 
 06 0

2





 

(

 2

5




"  #
  

 
$%&'
()*
% -
+'
.!

#


(/ %0

1)"


#

5

2

(
345

 2
 06 0
5
(

2
1)"


 

% %
% %
7
44(
%0%
% 6
6% 8
 2
.% %& $%
2
% %
 4
 
 2
0% 7
6 ,%8  6
 06
0% 7
 6
 068
+0% 7
6 ,%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com