Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 22 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 22 Page - ams AG

Back Button AS3630 Datasheet HTML 18Page - ams AG AS3630 Datasheet HTML 19Page - ams AG AS3630 Datasheet HTML 20Page - ams AG AS3630 Datasheet HTML 21Page - ams AG AS3630 Datasheet HTML 22Page - ams AG AS3630 Datasheet HTML 23Page - ams AG AS3630 Datasheet HTML 24Page - ams AG AS3630 Datasheet HTML 25Page - ams AG AS3630 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
AS3630 – 22
8A Supercap Flash Driver
Figure AS3630 – 19:
Supercap Pre-charging
• Transition3 between pre-charge -> charge: Once the
voltage on VSUPERCAP is close to VVIN and mode_setting
= “Supercap charge”, the DCDC1 converter is started and
the current source ICHARGE between VDCDC and
VSUPERCAP is used to finally charge VSUPERCAP to VVIN
3. To avoid a current peak at VIN if the VSUPERCAP is connected to VIN, but its voltage is still below VIN





 




 



 
  


 !"#
$%&
'#!
#
! )
'#
*+




$, !-

.%/ 


0
1
0

0

 
2 -3  -
2
20
 !) 3 (! '#!
#


-4 3 (



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com