Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 62 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 62 Page - ams AG

Back Button AS3630 Datasheet HTML 58Page - ams AG AS3630 Datasheet HTML 59Page - ams AG AS3630 Datasheet HTML 60Page - ams AG AS3630 Datasheet HTML 61Page - ams AG AS3630 Datasheet HTML 62Page - ams AG AS3630 Datasheet HTML 63Page - ams AG AS3630 Datasheet HTML 64Page - ams AG AS3630 Datasheet HTML 65Page - ams AG AS3630 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
AS3630 – 62
8A Supercap Flash Driver
Output Capacitor CDCDC1, CDCDC2
Low ESR capacitors should be used to minimize VDCDC ripple
and therefore current ripple on the LED. Multi-layer ceramic
capacitors are recommended since they have extremely low
ESR and are available in small footprints. The capacitor should
be located as close to the device as is practical.
X5R dielectric material is recommended due to their ability to
maintain capacitance over wide voltage and temperature
range.
Figure AS3630 – 48:
Recommended DCDCs Capacitor
If a different output capacitor is chosen, ensure similar ESR
values and at least 4.2μF capacitance at 5V output voltage and
for CDCDC1 10V voltage rating, CDCDC2 6.3V voltage rating.
Inductor LDCDC1
LDCDC1 is used for charging of the Supercap, operate the LED in
torch and PWM operation and in parallel to LDCDC2 to power the
LED during flash. Due to the different durations of the operation
modes, different peak current limits apply (see Figure 49).
The fast switching frequency (4MHz) of the AS3649 allows for
the use of small SMDs for the external inductor. The saturation
current ISATURATION should be chosen to be above the
maximum value of ILDCCD113. The inductor should have very
low DC resistance (DCR) to reduce the I2R power losses - high
DCR values will reduce efficiency.
Part Number
C
TC Code
Related
Voltage
Size
Manufacturer
GRM219R61A106ME47
10μF ±20%
>4.8μF@5V
X5R
10V
0805
(2.0x1.25x0.85mm
max 1mm height)
Murata
www.murata.com
GRM219R61A106ME441
1. If TAMB<70ºC or higher output voltage ripple can be tolerated.
10μF ±10%
>4.05μF@5V
2 x C2012X5R1A106M2
2. Use 2 in parallel for CDCDC1 and CDCDC2 to reach the required output capacitor of >4.2μF capacitance at 5V.
10μF ±20%
X5R
10V
2x0805
(2.0x1.25x0.85mm
max 0.95mm
height)
TDK
www.tdk.com
13. Can be adjusted in I²C mode with register coil1_peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com