Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3630 Datasheet(PDF) 35 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 35 Page - ams AG

Back Button AS3630 Datasheet HTML 31Page - ams AG AS3630 Datasheet HTML 32Page - ams AG AS3630 Datasheet HTML 33Page - ams AG AS3630 Datasheet HTML 34Page - ams AG AS3630 Datasheet HTML 35Page - ams AG AS3630 Datasheet HTML 36Page - ams AG AS3630 Datasheet HTML 37Page - ams AG AS3630 Datasheet HTML 38Page - ams AG AS3630 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 35
Figure AS3630 – 32:
AS3630 Torch Operation with Duration Synchronized to STROBE Input
Protection, Status, NTC and Fault Detection
Supercap End of Charge Detection - status_eoc
Charging of the Supercap is performed as described in
Figure 20. Once charging is finished the register status_eoc is
set.
ADC End of Conversion - status_adc_eoc
Once the ADC conversion is finished, status_eoc is set - see
“ADC” on page 38.
Short/Open LED Protection - fault_led
After the startup of the LED_OUT current source, the voltage
on LED_OUT is continuously monitored and compared against
VLEDSHORT after the LED current has reached a minimum current
depending on led_current_range (see page 47) - see the figure
below:
Figure AS3630 – 33:
Short LED Detection Minimum Current
If the voltage on LED_OUT stays below VLEDSHORT, a shorted LED
is detected.
led_current_range
Short LED Detected Above
00
(10-2500mA range)
>29.4mA
01
(10-250mA range)
>20.58mA
10
(3000mA range)
>23.53mA
11
(4000mA range)
Disabled


 
 

!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com